Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM3091J Datasheet(PDF) 5 Page - Mitsumi Electronics, Corp.

Part # MM3091J
Description  Low-Ripple, Low-Saturation CMOS Regulators Monolithic IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM3091J Datasheet(HTML) 5 Page - Mitsumi Electronics, Corp.

  MM3091J Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM3091J Datasheet HTML 8Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUMI
Low-Ripple, Low-Saturation CMOS Regulators MM309X/MM310X Series
Measuring Circuit
VDD
VOUT
3
2
CE
GND
4A
1
A
V
A
Ceramic*
Ceramic
2.2
µF
2.2
µF
Application Circuits
VDD
VOUT
3
2
CE
GND
4
1
Ceramic*
To load
Ceramic
2.2
µF
2.2
µF
(reference example of external parts)
· Output Capacitor
Ceramic Capacitor 2.2µF (Output voltage : 2.5~5.0V)
Ceramic Capacitor 4.7µF (Output voltage : 1.8~2.5V)
· Input Capacitor
Ceramic Capacitor 2.2µF
Note
1. The output capacitor is required between output and GND to prevent oscillation.
2. The ESR of capacitor must be defined in ESR stability area.
It is possible to use a ceramic capacitor without ESR resistance for output.
The ceramic capacitor must be used more than 2.2µF or 4.7µF and B temperature characteristics.
3. The wire of VCC and GND is required to print full ground plane for noise and stability.
The input capacitor must be connected a distance of less than 1cm from input pin.
*
Temperature Characteristics: B


Similar Part No. - MM3091J

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM3097 MITSUMI-MM3097 Datasheet
87Kb / 8P
   White LED Driver ICs
More results

Similar Description - MM3091J

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1097 MITSUMI-MM1097 Datasheet
47Kb / 3P
   Low Saturation Motor Driver Monolithic IC
MM159X MITSUMI-MM159X Datasheet
86Kb / 8P
   Low-Saturation 300mA Regulators
logo
Sanyo Semicon Device
LB1638MC SANYO-LB1638MC Datasheet
115Kb / 4P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1930MC SANYO-LB1930MC Datasheet
101Kb / 5P
   Monolithic Digital IC Low-Voltage, Low-Saturation Bidirectional Motor Driver
LB1838JM SANYO-LB1838JM Datasheet
77Kb / 5P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
LB1848MC SANYO-LB1848MC Datasheet
150Kb / 6P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
LB1846MC SANYO-LB1846MC Datasheet
154Kb / 4P
   Monolithic Digital IC Low-Voltage/Low Saturation Voltage Type Bidirectional Motor Driver
logo
ON Semiconductor
LB1836M ONSEMI-LB1836M Datasheet
76Kb / 6P
   Monolithic Digital IC Low-Saturation Bidirectional Motor Driver for Low-Voltage Drive
June, 2013
logo
Sanyo Semicon Device
LB1938FA SANYO-LB1938FA Datasheet
115Kb / 5P
   Monolithic Digital IC 1ch, Low-saturation Forward/Reverse Motor Driver
logo
Panasonic Battery Group
AN260XXA PANASONICBATTERY-AN260XXA Datasheet
172Kb / 1P
   SiGeC Bi-CMOS Monolithic IC, Low Noise Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com