Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3718 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST3718
Description  IC for CMOS System Reset Monolithic IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3718 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST3718 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3718 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUMI
IC for CMOS System Reset PST37XXU
Electrical Characteristics (Ta=25˚C)
0.882
0.900
0.918
0.027
0.045
0.063
1.5
3.7
0.9
2.7
0.980
1.000
1.020
0.030
0.050
0.070
1.078
1.100
1.122
0.033
0.055
0.077
1.8
4.5
1.176
1.200
1.224
0.036
0.060
0.084
1.274
1.300
1.326
0.039
0.065
0.091
2.0
5.0
1.372
1.400
1.428
0.042
0.070
0.098
1.0
3.0
1.470
1.500
1.530
0.045
0.075
0.105
1.568
1.600
1.632
0.048
0.080
0.112
1.666
1.700
1.734
0.051
0.085
0.119
VDD =
2.5
5.5
1.764
1.800
1.836
0.054
0.090
0.126
(-VDET)
1.862
1.900
1.938
0.057
0.095
0.133
-0.10V
1.960
2.000
2.040
0.060
0.100
0.140
2.058
2.100
2.142
0.063
0.105
0.147
2.156
2.200
2.244
0.066
0.110
0.154
3.0
6.0
2.254
2.300
2.346
0.069
0.115
0.161
2.352
2.400
2.448
0.072
0.120
0.168
1.1
3.3
2.450
2.500
2.550
0.075
0.125
0.175
2.548
2.600
2.652
0.078
0.130
0.182
2.646
2.700
2.754
0.081
0.135
0.189
3.5
7.0
2.744
2.800
2.856
0.084
0.140
0.196
2.842
2.900
2.958
0.087
0.145
0.203
2.940
3.000
3.060
0.090
0.150
0.210
3.038
3.100
3.162
0.093
0.155
0.217
3.136
3.200
3.264
0.096
0.160
0.224
4.0
8.0
3.234
3.300
3.366
0.099
0.165
0.231
VDD =VDD
3.332
3.400
3.468
0.102
0.170
0.238
(-VDET)(-VDET)
1.2
3.6
3.430
3.500
3.570
0.105
0.175
0.245
-0.13V
+2.0V
3.528
3.600
3.672
0.108
0.180
0.252
3.626
3.700
3.774
0.111
0.185
0.259
4.5
9.0
3.724
3.800
3.876
0.114
0.190
0.266
3.822
3.900
3.978
0.117
0.195
0.273
3.920
4.000
4.080
0.120
0.200
0.280
4.018
4.100
4.182
0.123
0.205
0.287
4.116
4.200
4.284
0.126
0.210
0.294
VDD =
5.0
10.0
4.214
4.300
4.386
0.129
0.215
0.301
(-VDET)
4.312
4.400
4.488
0.132
0.220
0.308
-0.16V
1.3
3.9
4.410
4.500
4.590
0.135
0.225
0.315
4.508
4.600
4.692
0.138
0.230
0.322
4.606
4.700
4.794
0.141
0.235
0.329
5.5
11.0
4.704
4.800
4.896
0.144
0.240
0.336
4.802
4.900
4.998
0.147
0.245
0.343
4.900
5.000
5.100
0.150
0.250
0.350
4.998
5.100
5.202
0.153
0.255
0.357
5.096
5.200
5.304
0.156
0.260
0.364
6.0
12.0
5.194
5.300
5.406
0.159
0.265
0.371
5.292
5.400
5.508
0.162
0.270
0.378
VDD =
1.4
4.2
5.390
5.500
5.610
0.165
0.275
0.385
(-VDET)
5.488
5.600
5.712
0.168
0.280
0.392
-0.20V
5.586
5.700
5.814
0.171
0.285
0.399
6.5
13.0
5.684
5.800
5.916
0.174
0.290
0.406
5.782
5.900
6.018
0.177
0.295
0.413
5.880
6.000
6.120
0.180
0.300
0.420
Product
Name
PST3709
PST3710
PST3711
PST3712
PST3713
PST3714
PST3715
PST3716
PST3717
PST3718
PST3719
PST3720
PST3721
PST3722
PST3723
PST3724
PST3725
PST3726
PST3727
PST3728
PST3729
PST3730
PST3731
PST3732
PST3733
PST3734
PST3735
PST3736
PST3737
PST3738
PST3739
PST3740
PST3741
PST3742
PST3743
PST3744
PST3745
PST3746
PST3747
PST3748
PST3749
PST3750
PST3751
PST3752
PST3753
PST3754
PST3755
PST3756
PST3757
PST3758
PST3759
PST3760
Item
Detecting Voltage
Hysteresis Voltage
Supply Current 1
Supply Current 2
-VDET (V)
VHYS (V)
ISS1 (µA)
ISS2 (µA)
Test Circuit 2
Test Circuit 2
Test Circuit 1
Test Circuit 1
Min.
Typ.
Max.
Min.
Typ.
Max. Condition Typ. Max. Condition Typ. Max.


Similar Part No. - PST3718

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3718

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com