Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8-K Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # C8-K
Description  Power Inductors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

C8-K Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button C8-K Datasheet HTML 5Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 6Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 7Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 8Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 9Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 10Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 11Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 12Page - Mitsumi Electronics, Corp. C8-K Datasheet HTML 13Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MITSUMI
DATA LIST (C6-K3LA Series)
C6-K3LA (Height : 3.2mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DB
1R2
1.2
±30
1kHz
-
16
5.6
-
DD
1R8
1.8
±30
1kHz
-
20
4.8
-
DF
2R7
2.7
±30
1kHz
-
23
4.0
-
DG
3R3
3.3
±30
1kHz
-
27
3.6
-
DJ
4R7
4.7
±30
1kHz
-
30
3.3
-
DK
5R6
5.6
±30
1kHz
-
34
3.0
-
DL
6R8
6.8
±30
1kHz
-
38
2.7
-
DM
8R2
8.2
±30
1kHz
-
42
2.3
-
EA
100
10
±20
1kHz
-
52
2.1
-
EB
120
12
±20
1kHz
-
61
1.9
-
EC
150
15
±20
1kHz
-
73
1.8
-
ED
180
18
±20
1kHz
-
80
1.7
-
EE
220
22
±20
1kHz
-
125
1.5
-
EF
270
27
±20
1kHz
-
131
1.3
-
EG
330
33
±20
1kHz
-
188
1.2
-
EH
390
39
±20
1kHz
-
204
1.0
-
EJ
470
47
±20
1kHz
-
222
0.90
-
EK
560
56
±20
1kHz
-
251
0.84
-
EL
680
68
±20
1kHz
-
282
0.80
-
EM
820
82
±20
1kHz
-
374
0.75
-
FA
101
100
±20
1kHz
-
458
0.70
-
FB
121
120
±20
1kHz
-
545
0.60
-
FC
151
150
±20
1kHz
-
685
0.55
-
DATA LIST (C6-K3L Series)
C6-K3L (Height : 3.2mm max.)
Inductance
DC Current
SRF
DCR
(A)
Item
Stamp
(MHz)
(m
Ω)
Inductance
Temp.
(µH)
Tolerance
Test Freq.
min.
typ.
-10%
25K
(%)
(kHz)
typ.
typ.
DA
1R0
1.0
±30
1kHz
-
9
5.50
-
DC
1R5
1.5
±30
1kHz
-
11
4.60
-
DE
2R2
2.2
±30
1kHz
-
13
4.10
-
DG
3R3
3.3
±30
1kHz
-
17
3.30
-
DH
3R9
3.9
±30
1kHz
-
18
2.60
-
DJ
4R7
4.7
±30
1kHz
-
20
2.40
-
DL
6R8
6.8
±30
1kHz
-
24
1.90
-
DM
8R2
8.2
±30
1kHz
-
27
1.80
-
EA
100
10
±30
1kHz
-
31
1.60
-
EB
120
12
±20
1kHz
-
100
1.40
-
EC
150
15
±20
1kHz
-
121
1.30
-
ED
180
18
±20
1kHz
-
125
1.20
-
EE
220
22
±20
1kHz
-
143
1.10
-
EF
270
27
±20
1kHz
-
160
1.00
-
EG
330
33
±20
1kHz
-
176
0.90
-
EH
390
39
±20
1kHz
-
195
0.80
-
EJ
470
47
±20
1kHz
-
213
0.73
-
EK
560
56
±20
1kHz
-
244
0.70
-
EL
680
68
±20
1kHz
-
274
0.50
-
EM
820
82
±20
1kHz
-
306
0.45
-
FA
101
100
±20
1kHz
-
385
0.43
-
FB
121
120
±20
1kHz
-
463
0.42
-
FC
151
150
±20
1kHz
-
539
0.40
-


Similar Part No. - C8-K

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
C8-K4L MITSUMI-C8-K4L Datasheet
158Kb / 12P
   Power Inductors
More results

Similar Description - C8-K

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
Sumida Corporation
CMD89 SUMIDA-CMD89 Datasheet
235Kb / 1P
   POWER INDUCTORS
CDH53 SUMIDA-CDH53 Datasheet
172Kb / 2P
   POWER INDUCTORS
CDRH3D14 SUMIDA-CDRH3D14 Datasheet
161Kb / 3P
   POWER INDUCTORS
CDRH2D11 SUMIDA-CDRH2D11_1 Datasheet
207Kb / 2P
   Power Inductors
CDRH5D14 SUMIDA-CDRH5D14 Datasheet
183Kb / 3P
   Power Inductors
CDRH4D22 SUMIDA-CDRH4D22_06 Datasheet
149Kb / 3P
   POWER INDUCTORS
CDRH6D12 SUMIDA-CDRH6D12_06 Datasheet
164Kb / 2P
   POWER INDUCTORS
CDRH125 SUMIDA-CDRH125_06 Datasheet
163Kb / 3P
   POWER INDUCTORS
CDRH125B SUMIDA-CDRH125B Datasheet
169Kb / 1P
   POWER INDUCTORS
logo
XFMRS Inc.
XFHCLTH XFMRS-XFHCLTH Datasheet
66Kb / 1P
   POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com