Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3532NR Datasheet(PDF) 4 Page - Mitsumi Electronics, Corp.

Part # PST3532NR
Description  IC for CMOS System Reset
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3532NR Datasheet(HTML) 4 Page - Mitsumi Electronics, Corp.

  PST3532NR Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3532NR Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MITSUMI
IC for CMOS System Reset PST35XX, 36XX
Electrical Characteristics
Detection voltage
SOT-25A
SC-82AB
CMOS output
N-ch open drain
CMOS output
N-ch open drain
0.900 ± 2%
PST3509NR
PST3609NR
PST3509UR
PST3609UR
1.000 ± 2%
PST3510NR
PST3610NR
PST3510UR
PST3610UR
1.100 ± 2%
PST3511NR
PST3611NR
PST3511UR
PST3611UR
1.200 ± 2%
PST3512NR
PST3612NR
PST3512UR
PST3612UR
1.300 ± 2%
PST3513NR
PST3613NR
PST3513UR
PST3613UR
1.400 ± 2%
PST3514NR
PST3614NR
PST3514UR
PST3614UR
1.500 ± 2%
PST3515NR
PST3615NR
PST3515UR
PST3615UR
1.600 ± 2%
PST3516NR
PST3616NR
PST3516UR
PST3616UR
1.700 ± 2%
PST3517NR
PST3617NR
PST3517UR
PST3617UR
1.800 ± 2%
PST3518NR
PST3618NR
PST3518UR
PST3618UR
1.900 ± 2%
PST3519NR
PST3619NR
PST3519UR
PST3619UR
2.000 ± 2%
PST3520NR
PST3620NR
PST3520UR
PST3620UR
2.100 ± 2%
PST3521NR
PST3621NR
PST3521UR
PST3621UR
2.200 ± 2%
PST3522NR
PST3622NR
PST3522UR
PST3622UR
2.300 ± 2%
PST3523NR
PST3623NR
PST3523UR
PST3623UR
2.400 ± 2%
PST3524NR
PST3624NR
PST3524UR
PST3624UR
2.500 ± 2%
PST3525NR
PST3625NR
PST3525UR
PST3625UR
2.600 ± 2%
PST3526NR
PST3626NR
PST3526UR
PST3626UR
2.700 ± 2%
PST3527NR
PST3627NR
PST3527UR
PST3627UR
2.800 ± 2%
PST3528NR
PST3628NR
PST3528UR
PST3628UR
2.900 ± 2%
PST3529NR
PST3629NR
PST3529UR
PST3629UR
3.000 ± 2%
PST3530NR
PST3630NR
PST3530UR
PST3630UR
3.100 ± 2%
PST3531NR
PST3631NR
PST3531UR
PST3631UR
3.200 ± 2%
PST3532NR
PST3632NR
PST3532UR
PST3632UR
3.300 ± 2%
PST3533NR
PST3633NR
PST3533UR
PST3633UR
3.400 ± 2%
PST3534NR
PST3634NR
PST3534UR
PST3634UR
3.500 ± 2%
PST3535NR
PST3635NR
PST3535UR
PST3635UR
3.600 ± 2%
PST3536NR
PST3636NR
PST3536UR
PST3636UR
3.700 ± 2%
PST3537NR
PST3637NR
PST3537UR
PST3637UR
3.800 ± 2%
PST3538NR
PST3638NR
PST3538UR
PST3638UR
3.900 ± 2%
PST3539NR
PST3639NR
PST3539UR
PST3639UR
4.000 ± 2%
PST3540NR
PST3640NR
PST3540UR
PST3640UR
4.100 ± 2%
PST3541NR
PST3641NR
PST3541UR
PST3641UR
4.200 ± 2%
PST3542NR
PST3642NR
PST3542UR
PST3642UR
4.300 ± 2%
PST3543NR
PST3643NR
PST3543UR
PST3643UR
4.400 ± 2%
PST3544NR
PST3644NR
PST3544UR
PST3644UR
4.500 ± 2%
PST3545NR
PST3645NR
PST3545UR
PST3645UR
4.600 ± 2%
PST3546NR
PST3646NR
PST3546UR
PST3646UR
4.700 ± 2%
PST3547NR
PST3647NR
PST3547UR
PST3647UR
4.800 ± 2%
PST3548NR
PST3648NR
PST3548UR
PST3648UR
4.900 ± 2%
PST3549NR
PST3649NR
PST3549UR
PST3649UR
5.000 ± 2%
PST3550NR
PST3650NR
PST3550UR
PST3650UR
5.100 ± 2%
PST3551NR
PST3651NR
PST3551UR
PST3651UR
5.200 ± 2%
PST3552NR
PST3652NR
PST3552UR
PST3652UR
5.300 ± 2%
PST3553NR
PST3653NR
PST3553UR
PST3653UR
5.400 ± 2%
PST3554NR
PST3654NR
PST3554UR
PST3654UR
5.500 ± 2%
PST3555NR
PST3655NR
PST3555UR
PST3655UR
5.600 ± 2%
PST3556NR
PST3656NR
PST3556UR
PST3656UR
5.700 ± 2%
PST3557NR
PST3657NR
PST3557UR
PST3657UR
5.800 ± 2%
PST3558NR
PST3658NR
PST3558UR
PST3658UR
5.900 ± 2%
PST3559NR
PST3659NR
PST3559UR
PST3659UR
6.000 ± 2%
PST3560NR
PST3660NR
PST3560UR
PST3660UR
Detection voltage measurement conditions: VDD = 9V
0V, measurement circuit 1
(1) Detection Voltage Table Ta=25°C


Similar Part No. - PST3532NR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3532NR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
logo
Renesas Technology Corp
RNA50C27AUS RENESAS-RNA50C27AUS Datasheet
87Kb / 8P
   CMOS System-Reset IC
RNA50C27AUS RENESAS-RNA50C27AUS_15 Datasheet
229Kb / 8P
   CMOS System-Reset IC
RNA50C27A RENESAS-RNA50C27A_15 Datasheet
251Kb / 30P
   CMOS System-Reset IC
RNA55A125FLP RENESAS-RNA55A125FLP Datasheet
131Kb / 12P
   CMOS System Reset IC
Mar 01, 2013
RNA55A125FLP RENESAS-RNA55A125FLP_15 Datasheet
132Kb / 12P
   CMOS System Reset IC
RNA62782LP RENESAS-RNA62782LP_15 Datasheet
78Kb / 5P
   CMOS System Reset IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com