Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST90XX Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # PST90XX
Description  IC for System Reset Monolithic IC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST90XX Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  PST90XX Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST90XX Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST90XX Datasheet HTML 3Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUMI
IC for System Reset PST90XX
Absolute Maximum Ratings (Ta=25°C)
Electrical Characteristics (Ta=25°C) (The unit of resistance is Ω unless otherwise indicated.)
Equivalent Circuit Diagram
Item
Symbol
Ratings
Units
Storage temperature
TSTG
-40~+125
°C
Operating temperature
TOPR
-20~+75
°C
Supply Voltage
VCC max.
-0.3~10
V
Allowable loss
Pd
150 (SOT-25A)
mW
300 (TO-92A)
Item
Symbol
Measurement
Measurement conditions
Min.
Typ.
Max.
Unit
Circuit
PST9008
0.8
PST9009
0.9
PST9010
1.0
PST9011
1.1
RL=4.7k
PST9012
-2.5%
1.2
+2.5%
Detection Voltage
VS
1VCC=H
L
PST9013
typ.
1.3
typ.
V
VOL <
= 0.4V
PST9014
1.4
PST9015
1.5
PST9016
1.6
PST9017
1.7
PST9018
1.8
Hysteresis Voltage
VS
1
RL=4.7k
VS
VS typ.
VS
mV
VCC=L
H
L
0.5
0.05
2
Detection Voltage
VS/
T
1
RL=4.7k
±0.01
%/°C
Temperature Coefficient
Ta=-20°C~+75°C
Low Level
VOL1
VCC=Vs min. -0.02V
0.2
0.4
V
Output Voltage
RL=4.7k
Output Leakage Current
IOH1
VCC=10V
0.1
µA
Circuit Current at On Time
ICCL
1
VCC=Vs min. -0.02V IOL=0mA
1.0
2.0
µA
Circuit Current at
ICCH
1
Vs=0.8~1.2
VCC=1.5V, RL=
1.0
2.0
µA
OFF Time
Vs=1.3~1.8
VCC=3.0V, RL=
1.5
2.5
"H" Transmission Delay Time
tpLH
2
CL=100pF, RL=4.7k
10
20
50
µs
"L" Transmission Delay Time
tpHL
2
CL=100pF, RL=4.7k
20
50
80
µs
Operating Threshold Voltage
VopL
1
RL=4.7k, VOL <
= 0.4V
0.65
0.70
V
Output Current at
IOL1
1
RL=0
0.3
mA
On Time 1
VCC=Vs min. -0.02V
Output Current at
IOL2
1
VCC=Vs min. -0.02V
0.2
mA
On Time 2
RL=0, Ta=-20°C~+75°C


Similar Part No. - PST90XX

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
PST9119 MITSUMI-PST9119 Datasheet
65Kb / 3P
   System Reset
PST9120 MITSUMI-PST9120 Datasheet
65Kb / 3P
   System Reset
PST9121 MITSUMI-PST9121 Datasheet
65Kb / 3P
   System Reset
PST9122 MITSUMI-PST9122 Datasheet
65Kb / 3P
   System Reset
More results

Similar Description - PST90XX

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST38XXU MITSUMI-PST38XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
PST611 MITSUMI-PST611 Datasheet
118Kb / 5P
   System Reset Monolithic IC PST611
PST575 MITSUMI-PST575 Datasheet
139Kb / 6P
   System Reset Monolithic IC PST575
MM1482 MITSUMI-MM1482 Datasheet
69Kb / 6P
   IC for RegulatorReset Monolithic IC
PST7046 MITSUMI-PST7046 Datasheet
47Kb / 3P
   System Reset Monolithic IC PST70XX Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com