Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC30-4824SRWZH Datasheet(PDF) 1 Page - Recom International Power

Part # REC30-4824SRWZH
Description  30 Watt Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC30-4824SRWZH Datasheet(HTML) 1 Page - Recom International Power

  REC30-4824SRWZH Datasheet HTML 1Page - Recom International Power REC30-4824SRWZH Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
1
December-2006
30 Watt
Single &
Dual Output
ECONOLINE
DC/DC-Converter
REC30-
S_DRWZ
/H Series
30W Package (50.8x11.90x40.6mm)
1.6kVDC Isolation
4:1 Wide Input Range
Regulated Output
UL94V-0 Package Material
Continuous Short Circuit Protection
Vout Trim and ON/OFF Control Function
Efficiency to 87%
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
24/48
(VDC)
(VDC)
(mA)
(%)
REC30-xx2.5SRWZ/H
10-40, 18-75
2.5
6000
80/81
REC30-xx3.3SRWZ/H
10-40, 18-75
3.3
6000
83/85
REC30-xx05SRWZ/H
10-40, 18-75
5
6000
85/87
REC30-xx12SRWZ/H
10-40, 18-75
12
2500
83/84
REC30-xx15SRWZ/H
10-40, 18-75
15
2000
83/84
REC30-xx24SRWZ/H
10-40, 18-75
24
1250
84/84
REC30-xx05DRWZ/H
10-40, 18-75
±5
±3000
81/82
REC30-xx12DRWZ/H
10-40, 18-75
±12
±1250
83/84
REC30-xx15DRWZ/H
10-40, 18-75
±15
±1000
83/83
4:1
xx = 10-40Vin = 24
xx = 18-75Vin = 48
* add suffix "CTRL" for optional Remote ON/OFF-Control
Designed to meet EN-60950-1
UL-60950-1 Pending
Specifications (Core Operating Area)
Input Voltage Range
4:1
Input Filter
π type
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
±0.5% max.
Load Voltage Regulation (10% to 100% full load )
±1% max.
Trim
±10%
Ripple
2.5,3.3,5V
±100mV max.
All Others
±1% max.
Noise
2.5,3.3,5V
±100mV max.
All Others
±1% max.
Operating Frequency
250kHz typ.
Over Power Protection
Works over 120% of rating and recovers automatically
Over Voltage Protection
Zener diode clamp
Short Circuit Protection
Hiccup, auto-recovery
Remote On/Off
DC-DC ON
Open or 2.2V>Vr>5V
DC-DC OFF
Short to 0V or 0V>Vr>2.2V
Remote Off input current
Nominal Vin
5mA max.
Remote Pin drive current
Vr=0V
-1.3mA max.
Efficiency at Full Load
see table
Isolation Voltage
(tested for 1 second)
1600VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
1000pF
Isolation Resistance
100 M
Ω min.
Continued on next page.
120
100
20
60
100
0
-25
Operating Temperature (°C)
0
80
50 70
Safe Operating Area
40
40
±
5V
All Others
30
85
Derating-Graph
(Ambient Temperature)


Similar Part No. - REC30-4824SRWZH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-4805DRWB RECOM-REC30-4805DRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
REC30-4805SRWB RECOM-REC30-4805SRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
REC30-4812D RECOM-REC30-4812D Datasheet
380Kb / 7P
   30 Watt Single and Dual Output
REC30-4812D RECOM-REC30-4812D Datasheet
384Kb / 6P
   Continuous Short Circuit Protection
REC30-4812DRWB RECOM-REC30-4812DRWB Datasheet
106Kb / 4P
   30 Watt 2 inch x 2 inch Single & Dual Output
More results

Similar Description - REC30-4824SRWZH

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-E RECOM-RP30-E Datasheet
516Kb / 9P
   30 Watt Single & Dual Output
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com