Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC40-4812SRW Datasheet(PDF) 2 Page - Recom International Power

Part # REC40-4812SRW
Description  40 Watt Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC40-4812SRW Datasheet(HTML) 2 Page - Recom International Power

  REC40-4812SRW Datasheet HTML 1Page - Recom International Power REC40-4812SRW Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REC40-SRW/H
Series
ECONOLINE
DC/DC-Converter
Specifications (Core Operating Area)
}DetailedInformationsee
Application Notes chapter "MTBF"
Temperature Coefficient
±0.02%/°C
Relative Humidity
95% RH
Case Material
Nickel Plated Copper with Non-Conductive Base, Six-side Shielded
Cooling Method
Natural convection
Package Weight
58g
MTBF (+25°C)
using MIL-HDBK 217F
>550 x 10
3 hours
(+40°C)
using MIL-HDBK 217F
187 x 10
3 hours
7
8
50.80
11.90
dia.
1.0
6.00
40.60
22.86
2
4
45.70
Bottom View
1
10.16
5.08
6
5
7.62
5.08
10.16
10.16
10.16
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections
Pin #
Single
1
+Vin
2
–Vin
4
CTRL
5NC
6+Vout
7-Vout
8Trim
PIN Package 2:1
Package Style and Pinning (mm) , Wide Input 2:1
Trim Up
10k
W
Trimpot
Trim Down
10k
W
Trimpot
10k
W
Trimpot
Trim
+Vout
-Vout
Trim
+Vout
-Vout
3rd angle
projection
July-2006
135
www.recom-international.com


Similar Part No. - REC40-4812SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC40-4812SRWB RECOM-REC40-4812SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
REC40-4812SRWBH RECOM-REC40-4812SRWBH Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
More results

Similar Description - REC40-4812SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
RPP40 RECOM-RPP40 Datasheet
152Kb / 4P
   40/50 Watt Single Output
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
logo
ETA-USA
DTB40-SX-W ETA-USA-DTB40-SX-W Datasheet
134Kb / 2P
   40 WATT SINGLE OUTPUT SWITCHING ADAPTOR
DAC40 ETA-USA-DAC40 Datasheet
547Kb / 4P
   AC/DC 40 Watt Single Output
logo
Recom International Pow...
RP40-G RECOM-RP40-G Datasheet
555Kb / 10P
   40 Watt Single, Dual & Triple Output
RP40Q-RUW RECOM-RP40Q-RUW Datasheet
2Mb / 10P
   40 Watt Quarter Brick Single Output
logo
CINCON ELECTRONICS Corp...
CFM40C CINCON-CFM40C Datasheet
266Kb / 2P
   40/60/100 Watt Single Output
logo
Recom International Pow...
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com