Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST3820 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST3820
Description  IC for CMOS System Reset Monolithic IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST3820 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST3820 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST3820 Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MITSUMI
IC for CMOS System Reset PST38XXU
Electrical Characteristics (Unless otherwise specified, Ta=25°C)
Item
Detecting Voltage Hysteresis Voltage
Supply Current1
Supply Current2
-VDET(V)
VHYS(V)
ISS1(µA)
ISS2(µA)
Test Circuit 2
Test Circuit 2
Test Circuit 1
Test Circuit 1
Min. Typ. Max. Min. Typ. Max.
Condition
Typ. Max.
Condition
Typ. Max.
PST3809
0.882 0.900 0.918 0.027 0.045 0.063
1.5
3.7
0.9
2.7
PST3810
0.980 1.000 1.020 0.030 0.050 0.070
PST3811
1.078 1.100 1.122 0.033 0.055 0.077
1.8
4.5
PST3812
1.176 1.200 1.224 0.036 0.060 0.084
PST3813
1.274 1.300 1.326 0.039 0.065 0.091
2.0
5.0
PST3814
1.372 1.400 1.428 0.042 0.070 0.098
1.0
3.0
PST3815
1.470 1.500 1.530 0.045 0.075 0.105
PST3816
1.568 1.600 1.632 0.048 0.080 0.112
PST3817
1.666 1.700 1.734 0.051 0.085 0.119
2.5
5.5
PST3818
1.764 1.800 1.836 0.054 0.090 0.126
PST3819
1.862 1.900 1.938 0.057 0.095 0.133
PST3820
1.960 2.000 2.040 0.060 0.100 0.140
PST3821
2.058 2.100 2.142 0.063 0.105 0.147
PST3822
2.156 2.200 2.244 0.066 0.110 0.154
3.0
6.0
PST3823
2.254 2.300 2.346 0.069 0.115 0.161
PST3824
2.352 2.400 2.448 0.072 0.120 0.168
1.1
3.3
PST3825
2.450 2.500 2.550 0.075 0.125 0.175
PST3826
2.548 2.600 2.652 0.078 0.130 0.182
PST3827
2.646 2.700 2.754 0.081 0.135 0.189
3.5
7.0
PST3828
2.744 2.800 2.856 0.084 0.140 0.196
PST3829
2.842 2.900 2.958 0.087 0.145 0.203
PST3830
2.940 3.000 3.060 0.090 0.150 0.210
PST3831
3.038 3.100 3.162 0.093 0.155 0.217
PST3832
3.136 3.200 3.264 0.096 0.160 0.224
4.0
8.0
PST3833
3.234 3.300 3.366 0.099 0.165 0.231
PST3834
3.332 3.400 3.468 0.102 0.170 0.238
1.2
3.6
PST3835
3.430 3.500 3.570 0.105 0.175 0.245
PST3836
3.528 3.600 3.672 0.108 0.180 0.252
PST3837
3.626 3.700 3.774 0.111 0.185 0.259
4.5
9.0
PST3838
3.724 3.800 3.876 0.114 0.190 0.266
PST3839
3.822 3.900 3.978 0.117 0.195 0.273
PST3840
3.920 4.000 4.080 0.120 0.200 0.280
PST3841
4.018 4.100 4.182 0.123 0.205 0.287
PST3842
4.116 4.200 4.284 0.126 0.210 0.294
5.0
10.0
PST3843
4.214 4.300 4.386 0.129 0.215 0.301
PST3844
4.312 4.400 4.488 0.132 0.220 0.308
1.3
3.9
PST3845
4.410 4.500 4.590 0.135 0.225 0.315
PST3846
4.508 4.600 4.692 0.138 0.230 0.322
PST3847
4.606 4.700 4.794 0.141 0.235 0.329
5.5
11.0
PST3848
4.704 4.800 4.896 0.144 0.240 0.336
PST3849
4.802 4.900 4.998 0.147 0.245 0.343
PST3850
4.900 5.000 5.100 0.150 0.250 0.350
PST3851
4.998 5.100 5.202 0.153 0.255 0.357
PST3852
5.096 5.200 5.304 0.156 0.260 0.364
6.0
12.0
PST3853
5.194 5.300 5.406 0.159 0.265 0.371
PST3854
5.292 5.400 5.508 0.162 0.270 0.378
PST3855
5.390 5.500 5.610 0.165 0.275 0.385
1.4
4.2
PST3856
5.488 5.600 5.712 0.168 0.280 0.392
PST3857
5.586 5.700 5.814 0.171 0.285 0.399
6.5
13.0
PST3858
5.684 5.800 5.916 0.174 0.290 0.406
PST3859
5.782 5.900 6.018 0.177 0.295 0.413
PST3860
5.880 6.000 6.120 0.180 0.300 0.420
VDD=
(-VDET)
-0.10V
VDD=
(-VDET)
+2.0V
VDD=
(-VDET)
-0.13V
VDD=
(-VDET)
-0.16V
VDD=
(-VDET)
-0.20V
Product
Name


Similar Part No. - PST3820

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST3820

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com