Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST38XXU Datasheet(PDF) 9 Page - Mitsumi Electronics, Corp.

Part # PST38XXU
Description  IC for CMOS System Reset Monolithic IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST38XXU Datasheet(HTML) 9 Page - Mitsumi Electronics, Corp.

Back Button PST38XXU Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 5Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 6Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 9Page - Mitsumi Electronics, Corp. PST38XXU Datasheet HTML 10Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MITSUMI
IC for CMOS System Reset PST38XXU
Detecting voltage vs input voltage
0.0
0.5
1.0
1.5
2.0
2.5
0
0.5
1
1.5
2
2.5
3
3.0
Input Voltage (V)
Supply current vs input voltage
0
0.5
1
1.5
2
2.5
02468
10
3
Input Voltage (V)
Detecting voltage vs temperature
2.60
-40 -20
0
20
406080
100
3.00
2.90
2.80
2.70
Temperature (
°C)
Hysteresis voltage vs temperature
80
-40 -20
0
20
406080
100
200
180
160
140
120
100
Temperature (
°C)
Output current 1 vs temperature
0.00
-40 -20
0
20
406080
100
0.20
0.15
0.10
0.05
Temperature (
°C)
Output current 2 vs temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
-40 -20
0
20
406080
100
8.0
Temperature (
°C)
Note: These are typical characteristics.
Characteristics PST3828 (-VDET=2.8V)


Similar Part No. - PST38XXU

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST3120 MITSUMI-PST3120 Datasheet
177Kb / 9P
   CMOS System Reset
PST3120 MITSUMI-PST3120 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
177Kb / 9P
   CMOS System Reset
PST3121 MITSUMI-PST3121 Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST3122 MITSUMI-PST3122 Datasheet
177Kb / 9P
   CMOS System Reset
More results

Similar Description - PST38XXU

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
PST37XXU MITSUMI-PST37XXU Datasheet
66Kb / 10P
   IC for CMOS System Reset Monolithic IC
PST92XX MITSUMI-PST92XX Datasheet
66Kb / 6P
   IC for System Reset Monolithic IC
PST90XX MITSUMI-PST90XX Datasheet
47Kb / 3P
   IC for System Reset Monolithic IC
PST70XX MITSUMI-PST70XX Datasheet
48Kb / 3P
   IC for System Reset Monolithic IC
PST31XX MITSUMI-PST31XX Datasheet
89Kb / 9P
   IC for CMOS System Reset
PST35XX MITSUMI-PST35XX Datasheet
155Kb / 20P
   IC for CMOS System Reset
MM3018 MITSUMI-MM3018 Datasheet
92Kb / 8P
   IC for CMOS RegulatorReset Monolithic IC
IC-PST81XX MITSUMI-IC-PST81XX Datasheet
157Kb / 11P
   IC for CMOS System Reset
PST600 MITSUMI-PST600 Datasheet
118Kb / 5P
   System Reset Monolithic IC
PST573 MITSUMI-PST573 Datasheet
134Kb / 6P
   SYSTEM RESET Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com