Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC3-4809DRWZH6 Datasheet(PDF) 1 Page - Recom International Power

Part # REC3-4809DRWZH6
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-4809DRWZH6 Datasheet(HTML) 1 Page - Recom International Power

  REC3-4809DRWZH6 Datasheet HTML 1Page - Recom International Power REC3-4809DRWZH6 Datasheet HTML 2Page - Recom International Power REC3-4809DRWZH6 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Input Voltage Range
2:1 & 4:1
Output Voltage Accuracy
±2% max.
Line Regulation (HL-LL)
±0.4% max.
continued on next page
Specifications (Core Operating Area)
3 Watt
DIP24 & SMD
Single & Dual
Output
ECONOLINE
DC/DC-Converter
REC3-
S_DRW(Z)
/H4,H6
Series
UL-60950-1 / CSA C22.2 certified
3W DIP Package
4kVDC & 6kVDC Isolation
Regulated Output
Continuous Short Circuit Protection
Auto-Restarting
Wide Input 2:1 & 4:1
UL94V-0 Package Material
Cost Effective
100% Burned In
Efficiency to 86%
Features
Regulated
Converters
Selection Guide
Part
Input
Output Max. Cap. Output Efficiency
Number
Voltage
Voltage
Load
Current
DIP24 (SMD)
(VDC)
(VDC)
(µF)
(mA)
(%)
REC3-xx3.3SRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
3.3
2200
900
66-76
REC3-xx05SRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
5
1000
600
71-79
REC3-xx09SRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
9
470
330
74-83
REC3-xx12SRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
12
220
250
75-85
REC3-xx15SRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
15
120
200
75-86
REC3-xx05DRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±5
±470
±300
74-83
REC3-xx09DRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±9
±220
±165
81-84
REC3-xx12DRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±12
±100
±125
75-85
REC3-xx15DRW (H4/H6)
4.5 - 9, 9 - 18, 18 - 36, 36 - 72
±15
±68
±100
75-86
REC3-xx3.3SRWZ (H4/H6)
9 - 36, 18 - 72
3.3
2200
900
77-79
REC3-xx05SRWZ (H4/H6)
9 - 36, 18 - 72
5
1000
600
78-80
REC3-xx09SRWZ (H4/H6)
9 - 36, 18 - 72
9
470
330
80-83
REC3-xx12SRWZ (H4/H6)
9 - 36, 18 - 72
12
220
250
83-85
REC3-xx15SRWZ (H4/H6)
9 - 36, 18 - 72
15
120
200
83-85
REC3-xx05DRWZ (H4/H6)
9 - 36, 18 - 72
±5
±470
±300
77-80
REC3-xx09DRWZ (H4/H6)
9 - 36, 18 - 72
±9
±220
±165
81-84
REC3-xx12DRWZ (H4/H6)
9 - 36, 18 - 72
±12
±100
±125
83-85
REC3-xx15DRWZ (H4/H6)
9 - 36, 18 - 72
±15
±68
±100
83-85
2:1 Input
4:1 Input
(REC3-S/DRWH4/H6)
(REC3-S/DRWZ(H4/H6))
xx = 4.5-9Vin = 05
xx = 9-36Vin = 24
xx = 9-18Vin = 12
xx = 18-72Vin = 48
xx = 18-36Vin = 24
xx = 36-72Vin = 48
* add suffix /H4 for 4kVDC isolation or /H6
for 6kVDC isolation
* add suffix "/A" or "/C" for Pinning, see next page
“B” Pinning is NOT available for this series !
* add suffix "/M" for metal case
* add suffix "/SMD" for SMD package
e.g. REC3-2412SRW/H4/AM =
4kVDC isol. / Pinout "A" / metal case
This series offers high isolation of 4kVDC (= option "H4") or 6kVDC (= option "H6") making it ideal for medi-
cal applications and other sophisticated industrial applications. Packaging can be either DIP-24 non-conduc-
tive plastic or 5-side-shielded DIP24 metal case (= option "M") as well as DIP24-SMD case (= option "SMD").
For all the above variants, 2 industry-standard pinouts
(= option "A" or "C") are available.
Description
Notes :
1. If the options "/M" for metal case and
"/SMD" for SMD pinout are combined, the
maximum allowed isolation voltage is 2kVDC
because of the shorter distances between
pins and the metal case, so only available
SMD-option in metal-case is "/H2".
DIP-24 through-hole case and SMD-plastic
case are not affected and offer the full isola-
tion barriers of 4kVDC for "/H4" option and
6kVDC for "/H6".
EN-60950-1 Certified
UL-60950-1 Certified
EN-60601-1 Certified
14-February-2007
111
www.recom-international.com


Similar Part No. - REC3-4809DRWZH6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-4809DR/H1 RECOM-REC3-4809DR/H1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
More results

Similar Description - REC3-4809DRWZH6

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com