Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-2405SRW Datasheet(PDF) 2 Page - Recom International Power

Part # REC20-2405SRW
Description  20 Watt 1??x 2??Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-2405SRW Datasheet(HTML) 2 Page - Recom International Power

  REC20-2405SRW Datasheet HTML 1Page - Recom International Power REC20-2405SRW Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.54
1.2ø+0.2/–0.1
2.54
2
1
5
4
3
2.54
1.0
2.54
1.2ø+0.2/–0.1
2.54
6
2
1
5
4
3
2.54
20.32
10.80
6.00
15.24
2
3
5
4
10.16
10.16
5.08
Bottom View
50.10
20.32
25.40
Top View
20.32
25.40
1
2
6
3
5
4
10.16
10.16
5.08
Bottom View
Top View
7.62
1
3rd angle
projection
Recommended Footprint Details
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
REC20-SRW/H
Series
ECONOLINE
DC/DC-Converter
Pin Connections
Pin #
Single
1
+Vin
2
-Vin
3+Vout
4
No Pin
5-Vout
1“ x 2“ PIN Package
Package Style and Pinning (mm) 1” x 2” , Wide Input 2:1
REC20-Series also available with Remote ON/OFF - Control
For detailed information please contact your RECOM representative.
Pin Connections
Pin #
Single
1
+Vin
2
–Vin
3+Vout
4
No Pin
5-Vout
6
CTRL
REC20-SRW/H/CTRL
July-2006
129
www.recom-international.com


Similar Part No. - REC20-2405SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-2405SRWB RECOM-REC20-2405SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
REC20-2405SRWB RECOM-REC20-2405SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2405SRWBH RECOM-REC20-2405SRWBH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2405SRWBZ RECOM-REC20-2405SRWBZ Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC20-2405SRWBZH RECOM-REC20-2405SRWBZH Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
More results

Similar Description - REC20-2405SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
REC20-123.3SRWB RECOM-REC20-123.3SRWB Datasheet
89Kb / 2P
   20 Watt 2??x 2??Single, Dual & Triple Output
REC15-123.3SRW RECOM-REC15-123.3SRW Datasheet
82Kb / 2P
   15 Watt 1??x 2??Single & Dual Output
RP15-243.3SFW RECOM-RP15-243.3SFW Datasheet
68Kb / 3P
   15 Watt 2??x 1??Single & Dual Output
REC10-123.3SRW RECOM-REC10-123.3SRW Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
RAC01-C RECOM-RAC01-C Datasheet
81Kb / 2P
   1 - 2 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com