Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-123.3SRWB Datasheet(PDF) 1 Page - Recom International Power

Part # REC20-123.3SRWB
Description  20 Watt 2??x 2??Single, Dual & Triple Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-123.3SRWB Datasheet(HTML) 1 Page - Recom International Power

  REC20-123.3SRWB Datasheet HTML 1Page - Recom International Power REC20-123.3SRWB Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.recom-international.com
1
December-2006
120
100
20
60
100
75
0
-25
Operating Temperature (°C)
0
80
50
25
70
Safe Operating Area
40
4:1 Range
2:1 Range
40%
Is 4:1 Range
Is 2:1 Range
Derating-Graph
(Ambient Temperature)
20 Watt
2” x 2”
Single, Dual &
Triple Output
ECONOLINE
DC/DC-Converter
REC20-
S_D_TRWB
(Z)/H
Series
20W 2”x 2” Package (50.8x11.40x50.8mm)
1.6kVDC Isolation
Wide Input 2:1 & 4:1
Regulated Output
Built-in Class A Input Filter
Continuous Short Circuit Protection
Vout Trim and ON/OFF Control Function
Efficiency to 87%
Features
Regulated
Converters
Selection Guide
Part
Input
Output
Output
Efficiency
Number
Voltage
Voltage
Current
12/24/48V
2:1
(VDC)
(VDC)
(mA)
(%)
REC20-xx3.3SRWB/H
9-18, 18-36, 36-75
3.3
4000
76/78/76
REC20-xx05SRWB/H
9-18, 18-36, 36-75
5
4000
78/81/82
REC20-xx12SRWB/H
9-18, 18-36, 36-75
12
1670
81/86/84
REC20-xx15SRWB/H
9-18, 18-36, 36-75
15
1330
82/85/85
REC20-xx24SRWB/H
9-18, 18-36, 36-75
24
833
83/88/87
REC20-xx05DRWB/H
9-18, 18-36, 36-75
±5
±2000
77/82/83
REC20-xx12DRWB/H
9-18, 18-36, 36-75
±12
±833
81/84/85
REC20-xx15DRWB/H
9-18, 18-36, 36-75
±15
±660
82/85/84
REC20-xx0512TRWB/H
9-18, 18-36, 36-75
5/±12
2500/±300
79/83/83
REC20-xx0515TRWB/H
9-18, 18-36, 36-75
5/±15
2500/±250
77/81/84
4:1
24/48V
REC20-xx3.3SRWBZ/H
10-40, 18-75
3.3
4000
82/83
REC20-xx05SRWBZ/H
10-40, 18-75
5
4000
84/85
REC20-xx12SRWBZ/H
10-40, 18-75
12
1670
82/82
REC20-xx15SRWBZ/H
10-40, 18-75
15
1330
82/82
REC20-xx24SRWBZ/H
10-40, 18-75
24
833
82/82
REC20-xx05DRWBZ/H
10-40, 18-75
±5
±2000
81/81
REC20-xx12DRWBZ/H
10-40, 18-75
±12
±833
82/83
REC20-xx15DRWBZ/H
10-40, 18-75
±15
±660
82/82
2:1
4:1
xx = 9-18Vin = 12
xx = 10-40Vin = 24
xx = 18-36Vin = 24
xx = 18-75Vin = 48
xx = 36-75Vin = 48
* add suffix "CTRL" for optional Remote ON/OFF-Control
Designed to meet EN-60950-1
UL-60950-1 Pending
Specifications (Core Operating Area)
Input Voltage Range
2:1 & 4:1
Input Filter
π type
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
Single & Dual
±0.5% max.
Triple
±1%/±5%
Load Voltage Regulation
Single
±0.5% max.
(10% to 100% full load )
Dual
±3% max.
Triple
±3%/±5%
Ripple
<0.2% Vout +20mVp-p max.
Noise (measured with 100nF output capacitor)
<0.5% Vout +50mVp-p max.
Trim
±10%
Operating Frequency
2:1
200kHz typ.
4:1
250kHz typ.
continued on next page


Similar Part No. - REC20-123.3SRWB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-123.4S RECOM-REC20-123.4S Datasheet
356Kb / 6P
   20 Watt Single and Dual Output
REC20-123.4S RECOM-REC20-123.4S Datasheet
360Kb / 6P
   Continuous Short Circuit Protection
More results

Similar Description - REC20-123.3SRWB

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RP20-243.3SFW RECOM-RP20-243.3SFW Datasheet
73Kb / 3P
   20 Watt 2??x 1??Single & Dual Output
REC20-1205SRWB RECOM-REC20-1205SRWB Datasheet
106Kb / 4P
   20 Watt 2 inch x 2 inch Single & Dual Output
RP20-121.5SF RECOM-RP20-121.5SF_06 Datasheet
86Kb / 4P
   20 Watt 2??x 1??Package Single & Dual Output
RP40-243.3SGW RECOM-RP40-243.3SGW Datasheet
78Kb / 4P
   40 Watt 2??x 2??Single & Dual Output
REC20-242.5SRW RECOM-REC20-242.5SRW Datasheet
80Kb / 2P
   20 Watt 1??x 2??Single Output
RAC20E-K_277 RECOM-RAC20E-K_277 Datasheet
2Mb / 7P
   20 Watt 2” x 1” Single Output
REV.: 0/2022
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
RPP20-2424S RECOM-RPP20-2424S Datasheet
103Kb / 6P
   20 Watt 2 1 Single Dual Output
RP20-123.3SE RECOM-RP20-123.3SE_06 Datasheet
99Kb / 4P
   20 Watt Single, Dual & Triple Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com