Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC3-0505SRH1SMD Datasheet(PDF) 1 Page - Recom International Power

Part # REC3-0505SRH1SMD
Description  3 Watt DIP24 & SMD Single & Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC3-0505SRH1SMD Datasheet(HTML) 1 Page - Recom International Power

  REC3-0505SRH1SMD Datasheet HTML 1Page - Recom International Power REC3-0505SRH1SMD Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
100
60
20
40
100
50
0
-40
80
150
Operating Temperature °C
0
80
Safe Operating Area
105
(1.5W) 50
(2W) 67
96
Derating-Graph
(Ambient Temperature)
Selection Guide
3 Watt
DIP24 & SMD
Single & Dual
Output
ECONOLINE
DC/DC-Converter
REC3-
S_DR/H1
Series
3W DIP Package
1kVDC Isolation
Regulated Output
UL94V-0 Package Material
Continuous Short Circuit Protection
Internal SMD design
100% Burned In
Efficiency to 75%
Features
Regulated
Converters
Specifications (Core Operating Area)
Part
Input
Output
Max Cap.
Output
Number
Voltage
Voltage
Load
Current
DIP24 (SMD)
(VDC)
(VDC)
(µF)
(mA)
REC3-xx3.3SR/H1
5, 12, 24, 48
3.3
2200
800
REC3-xx05SR/H1
5, 12, 24, 48
5
1000
600
REC3-xx09SR/H1
5, 12, 24, 48
9
470
333
REC3-xx12SR/H1
5, 12, 24, 48
12
220
250
REC3-xx15SR/H1
5, 12, 24, 48
15
120
200
REC3-xx05DR/H1
5, 12, 24, 48
±5
±470
±300
REC3-xx09DR/H1
5, 12, 24, 48
±9
±220
±167
REC3-xx12DR/H1
5, 12, 24, 48
±12
±100
±125
REC3-xx15DR/H1
5, 12, 24, 48
±15
±68
±100
xx = Input Voltage
* add suffix "/SMD" for SMD package, e.g. REC3-2405SR/H1/SMD
Input Voltage Range
±15%
Output Voltage Accuracy
±3% typ.
Line Voltage Regulation
±0.5% max
Load Voltage Regulation (10% to 100% full load )
±1% max.
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
75kHz min.
Efficiency at Full Load
65% min.
No Load Power Consumption
300mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
30pF typ.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Operating Temperature Range (free air convection)
-40°C to +80°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
12g
MTBF (+25°C)
using MIL-HDBK 217F
950 x 10
3 hours
(+80°C)
using MIL-HDBK 217F
145 x 10
3 hours
}DetailedInformationsee
Application Notes chapter "MTBF"
January-2007
www.recom-international.com
104
UL-60950-1 Certified


Similar Part No. - REC3-0505SRH1SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC3-0505SR RECOM-REC3-0505SR Datasheet
114Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC3-0505SR/H1 RECOM-REC3-0505SR/H1 Datasheet
85Kb / 2P
   2 Watt DIP24 Single & Dual Output
REC3-0505SR/H1 RECOM-REC3-0505SR/H1 Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-0505SRW RECOM-REC3-0505SRW Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-0505SRW RECOM-REC3-0505SRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC3-0505SRH1SMD

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRW RECOM-REC3-123.3SRW Datasheet
102Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DRW RECOM-REC3-S-DRW Datasheet
131Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP03-2405SD RECOM-RP03-2405SD Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
RP03-1205SC RECOM-RP03-1205SC Datasheet
101Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC3-123.3SRWH4 RECOM-REC3-123.3SRWH4 Datasheet
107Kb / 3P
   3 Watt DIP24 / SMD Single & Dual Output
REC3-S-DR RECOM-REC3-S-DR Datasheet
93Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-053.3SRW RECOM-REC3-053.3SRW_07 Datasheet
97Kb / 3P
   3 Watt DIP24 & SMD Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com