Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDMA1023PZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMA1023PZ
Description  Dual P-Channel PowerTrench MOSFET -20V, -3.7A, 72mohm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMA1023PZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMA1023PZ Datasheet HTML 1Page - Fairchild Semiconductor FDMA1023PZ Datasheet HTML 2Page - Fairchild Semiconductor FDMA1023PZ Datasheet HTML 3Page - Fairchild Semiconductor FDMA1023PZ Datasheet HTML 4Page - Fairchild Semiconductor FDMA1023PZ Datasheet HTML 5Page - Fairchild Semiconductor FDMA1023PZ Datasheet HTML 6Page - Fairchild Semiconductor FDMA1023PZ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
FDMA1023PZ Rev.B
www.fairchildsemi.com
2
Electrical Characteristics T
J = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain to Source Breakdown Voltage
ID = –250μA, VGS = 0V
–20
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperature
Coefficient
ID = –250μA, referenced to 25°C
–11
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = –16V, VGS = 0V
–1
μA
IGSS
Gate to Source Leakage Current
VGS = ±8V, VDS = 0V
±10
μA
On Characteristics
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = –250μA
–0.4
–0.7
–1.5
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = –250μA, referenced to 25°C
2.5
mV/°C
rDS(on)
Static Drain to Source On-Resistance
VGS = –4.5V, ID = –3.7A
60
72
m
Ω
VGS = –2.5V, ID = –3.2A
75
95
VGS = –1.8V, ID = –2.0A
100
130
VGS = –1.5V, ID = –1.0A
130
195
VGS = –4.5V, ID = –3.7A,TJ =125°C
81
91
gFS
Forward Transconductance
VDS = –5V, ID = –3.7A
12
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = –10V, VGS = 0V,
f = 1MHz
490
655
pF
Coss
Output Capacitance
100
135
pF
Crss
Reverse Transfer Capacitance
90
135
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = –10V, ID = –1A
VGS = –4.5V, RGEN = 6Ω
9
18
ns
tr
Rise Time
12
22
ns
td(off)
Turn-Off Delay Time
64
103
ns
tf
Fall Time
37
60
ns
Qg(TOT)
Total Gate Charge
VDD = –10V, ID = –3.7A
VGS = –4.5V
8.6
12
nC
Qgs
Gate to Source Gate Charge
0.7
nC
Qgd
Gate to Drain “Miller” Charge
2.0
nC
Drain-Source Diode Characteristics
IS
Maximum Continuous Drain-Source Diode Forward Current
–1.1
A
VSD
Source to Drain Diode Forward Voltage
VGS = 0V, IS = –1.1A
(Note 2)
–0.8
–1.2
V
trr
Reverse Recovery Time
IF = –3.7A, di/dt = 100A/μs
32
48
ns
Qrr
Reverse Recovery Charge
15
23
nC


Similar Part No. - FDMA1023PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDMA1023PZ FAIRCHILD-FDMA1023PZ Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
FDMA1023PZ FAIRCHILD-FDMA1023PZ_08 Datasheet
473Kb / 7P
   Dual P-Channel PowerTrench짰 MOSFET
More results

Similar Description - FDMA1023PZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NDS9947 FAIRCHILD-NDS9947_02 Datasheet
141Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
SI6953DQ FAIRCHILD-SI6953DQ Datasheet
109Kb / 5P
   Dual 20V P-Channel PowerTrench MOSFET
FDW262P FAIRCHILD-FDW262P Datasheet
87Kb / 5P
   20V P-Channel PowerTrench MOSFET
SI6433DQ FAIRCHILD-SI6433DQ Datasheet
137Kb / 5P
   20V P-Channel PowerTrench MOSFET
FDMA1025P FAIRCHILD-FDMA1025P Datasheet
377Kb / 6P
   Dual P-Channel PowerTrench MOSFET -20V, -3.1A, 105mohm
logo
Guangdong Kexin Industr...
KDR8702H KEXIN-KDR8702H Datasheet
78Kb / 3P
   20V N & P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
FDR8702H FAIRCHILD-FDR8702H Datasheet
200Kb / 8P
   20V N & P-Channel PowerTrench MOSFET
FDG6317NZ FAIRCHILD-FDG6317NZ Datasheet
138Kb / 5P
   Dual 20v N-Channel PowerTrench MOSFET
FDP6021P FAIRCHILD-FDP6021P Datasheet
80Kb / 5P
   20V P-Channel 1.8V Specified PowerTrench MOSFET
FDMA1029PZ FAIRCHILD-FDMA1029PZ Datasheet
123Kb / 7P
   Dual P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com