Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC5-4809SRW Datasheet(PDF) 3 Page - Recom International Power

Part # REC5-4809SRW
Description  5 Watt DIP24 & SMD Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC5-4809SRW Datasheet(HTML) 3 Page - Recom International Power

  REC5-4809SRW Datasheet HTML 1Page - Recom International Power REC5-4809SRW Datasheet HTML 2Page - Recom International Power REC5-4809SRW Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.recom-international.com
3
November 2006
19.90
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.64
27.94
26.67
1.54
2.03
Top View
20.30
3.81
6.35
2.54
23.40
3.81
2.06
1
Bottom View
Top View
12
11
10
2
13
15
23
24
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.20
20.30
2.54
Recommended Footprint Details
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Package Style and Pinning (mm) DIP 24 , Wide Input 2:1 & 4:1
Package C
Mechanical drawings of DIP24 SMD case
REC5-S_DRW/H*
Series
ECONOLINE
DC/DC-Converter
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
+Vin
+Vin
10
NC
Com
11
NC
Com
12
–Vout
NC
13
+Vout
–Vout
15
NC
+Vout
23
–Vin
–Vin
24
–Vin
–Vin
NC = No Connection
Tol.: ± 0.35 mm
length of plastic case is 31,8mm, length of metal case 32.0mm
Recommended Footprint Details
32.00
10.20
3.81
2.06
1
Bottom View
Top View
12
11
10
3
2
13
14
15
22
23
24
15.24
20.30
2.54
1.00ø+0.15/–0
0.51
2.54
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Recommended Footprint Details
Package B
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
No Pin
–Vout
3
No Pin
Com
10
–Vout
Com
11
+Vout
+Vout
12
–Vin
–Vin
13
–Vin
–Vin
14
+Vout
+Vout
15
–Vout
Com
22
No Pin
Com
23
No Pin
–Vout
24
+Vin
+Vin
NC = No Connection
All unused pins are
NC (No Connection).
SMD pin connections
follow standard
package pinning. See
Notes for restrictions
on /H3 SMD versions.
/H1 Only


Similar Part No. - REC5-4809SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-4809SRW RECOM-REC5-4809SRW Datasheet
95Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC5-4809SRW RECOM-REC5-4809SRW Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-4809SRW/H4 RECOM-REC5-4809SRW/H4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-4809SRW/H6 RECOM-REC5-4809SRW/H6 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-4809SRWH4 RECOM-REC5-4809SRWH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
More results

Similar Description - REC5-4809SRW

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC5-XX3.3SRWH RECOM-REC5-XX3.3SRWH Datasheet
134Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
REC5-123.3SRW RECOM-REC5-123.3SRW Datasheet
102Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
RP05-1233SA RECOM-RP05-1233SA Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
RP05-2433SAW RECOM-RP05-2433SAW Datasheet
104Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-053.3SRWH4 RECOM-REC5-053.3SRWH4 Datasheet
88Kb / 3P
   5 Watt DIP24 & SMD Single & Dual Output
RP05-123.3SF RECOM-RP05-123.3SF Datasheet
99Kb / 4P
   5 Watt DIP24 & SMD, Single & Dual Output
REC5-123.3SRWH4 RECOM-REC5-123.3SRWH4 Datasheet
104Kb / 3P
   5 Watt DIP24 / SMD Single & Dual Output
REC5-053.3SRW-H RECOM-REC5-053.3SRW-H Datasheet
120Kb / 4P
   5 Watt DIP24 & SMD Single & Dual Output
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com