Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW03-C470 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BZW03-C470
Description  Voltage regulator diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BZW03-C470 Datasheet(HTML) 3 Page - NXP Semiconductors

  BZW03-C470 Datasheet HTML 1Page - NXP Semiconductors BZW03-C470 Datasheet HTML 2Page - NXP Semiconductors BZW03-C470 Datasheet HTML 3Page - NXP Semiconductors BZW03-C470 Datasheet HTML 4Page - NXP Semiconductors BZW03-C470 Datasheet HTML 5Page - NXP Semiconductors BZW03-C470 Datasheet HTML 6Page - NXP Semiconductors BZW03-C470 Datasheet HTML 7Page - NXP Semiconductors BZW03-C470 Datasheet HTML 8Page - NXP Semiconductors BZW03-C470 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1996 May 14
3
Philips Semiconductors
Product specification
Voltage regulator diodes
BZW03 series
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type when used as voltage regulator diodes
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 1 A; see Fig.5
1.2
V
TYPE
No.
SUFFIX
(1)
WORKING VOLTAGE
DIFFERENTIAL
RESISTANCE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
REVERSE CURRENT at
REVERSE VOLTAGE
VZ (V) at IZ
rdif (Ω)atIZ
SZ (%/K) at IZ
IZ (mA)
IR (µA)
at VR (V)
MIN.
NOM.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.
C7V5
7.0
7.5
7.9
0.7
1.5
0.00
0.07
175
1500
5.6
C8V2
7.7
8.2
8.7
0.8
1.5
0.03
0.08
150
1200
6.2
C9V1
8.5
9.1
9.6
0.9
2.0
0.03
0.08
150
40
6.8
C10
9.4
10
10.6
1.0
2.0
0.05
0.09
125
20
7.5
C11
10.4
11
11.6
1.1
2.5
0.05
0.10
125
15
8.2
C12
11.4
12
12.7
1.1
2.5
0.05
0.10
100
10
9.1
C13
12.4
13
14.1
1.2
2.5
0.05
0.10
100
4
10
C15
13.8
15
15.6
1.2
2.5
0.05
0.10
75
2
11
C16
15.3
16
17.1
1.3
2.5
0.06
0.11
75
2
12
C18
16.8
18
19.1
1.3
2.5
0.06
0.11
65
2
13
C20
18.8
20
21.2
1.5
3.0
0.06
0.11
65
2
15
C22
20.8
22
23.3
1.6
3.5
0.06
0.11
50
2
16
C24
22.8
24
25.6
1.8
3.5
0.06
0.11
50
2
18
C27
25.1
27
28.9
2.5
5
0.06
0.11
50
2
20
C30
28
30
32
4
8
0.06
0.11
40
2
22
C33
31
33
35
5
10
0.06
0.11
40
2
24
C36
34
36
38
6
11
0.06
0.11
30
2
27
C39
37
39
41
7
14
0.06
0.11
30
2
30
C43
40
43
46
10
20
0.07
0.12
30
2
33
C47
44
47
50
12
25
0.07
0.12
25
2
36
C51
48
51
54
14
27
0.07
0.12
25
2
39
C56
52
56
60
18
35
0.07
0.12
20
2
43
C62
58
62
66
20
42
0.08
0.13
20
2
47
C68
64
68
72
22
44
0.08
0.13
20
2
51
C75
70
75
79
25
45
0.08
0.13
20
2
56
C82
77
82
87
30
65
0.08
0.13
15
2
62
C91
85
91
96
40
75
0.09
0.13
15
2
68


Similar Part No. - BZW03-C470

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZW03 VISHAY-BZW03 Datasheet
122Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Apr-05
BZW03 VISHAY-BZW03 Datasheet
101Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
logo
New Jersey Semi-Conduct...
BZW03 NJSEMI-BZW03 Datasheet
269Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C10 VISHAY-BZW03C10 Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
More results

Similar Description - BZW03-C470

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
PDZ11B PHILIPS-PDZ11B Datasheet
192Kb / 9P
   Voltage regulator diodes
2004 Mar 22
BZX84-C47215 NXP-BZX84-C47215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZV55C3V6115 NXP-BZV55C3V6115 Datasheet
126Kb / 14P
   Voltage regulator diodes
Rev. 5-26 January 2011
BZX84-B3V3 NXP-BZX84-B3V3 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com