Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDAF62N28 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDAF62N28
Description  280V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDAF62N28 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDAF62N28 Datasheet HTML 1Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 2Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 3Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 4Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 5Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 6Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 7Page - Fairchild Semiconductor FDAF62N28 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
www.fairchildsemi.com
FDAF62N28 Rev. A
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation
Figure 8. On-Resistance Variation
vs. Temperature
vs. Temperature
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 11. Transient Thermal Response Curve
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes :
1. V
GS = 0 V
2. I
D = 250 µ A
T
J, Junction Temperature [
oC]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Notes :
1. V
GS = 10 V
2. I
D = 18 A
T
J, Junction Temperature [
oC]
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
10
2
100 ms
1 ms
10 µs
DC
10 ms
100 µs
Operation in This Area
is Limited by R
DS(on)
Notes :
1. T
C = 25
oC
2. T
J = 150
oC
3. Single Pulse
V
DS, Drain-Source Voltage [V]
25
50
75
100
125
150
0
10
20
30
40
T
C, Case Temperature [
]
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
N otes :
1. Z
θ JC(t) = 0 .7 5
/W M ax.
2. D uty Factor, D =t
1/t2
3. T
JM - T C = P DM * Z θ JC(t)
single pulse
D=0.5
0.02
0.2
0.05
0.1
0.01
t
1, S q uare W a ve P u ls e D u ra tion [s ec ]
t1
PDM
t2


Similar Part No. - FDAF62N28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDAF69N25 FAIRCHILD-FDAF69N25 Datasheet
635Kb / 8P
   250V N-Channel MOSFET
More results

Similar Description - FDAF62N28

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDA62N28 FAIRCHILD-FDA62N28 Datasheet
697Kb / 8P
   280V N-Channel MOSFET
FDA75N28 FAIRCHILD-FDA75N28 Datasheet
730Kb / 8P
   280V N-Channel MOSFET
FDAF75N28 FAIRCHILD-FDAF75N28 Datasheet
726Kb / 8P
   280V N-Channel MOSFET
logo
Shindengen Electric Mfg...
P13F28HP2 SHINDENGEN-P13F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 13A, N-channel
P6B28HP2 SHINDENGEN-P6B28HP2 Datasheet
1Mb / 7P
   Power MOSFETs 280V, 6A, N-channel
P17F28HP2 SHINDENGEN-P17F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 17A, N-channel
P26F28HP2 SHINDENGEN-P26F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 26A, N-channel
P21F28HP2 SHINDENGEN-P21F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 21A, N-channel
P36F28HP2 SHINDENGEN-P36F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 36A, N-channel
P8F28HP2 SHINDENGEN-P8F28HP2 Datasheet
2Mb / 8P
   Power MOSFETs 280V, 8A, N-channel
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com