Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ432BZ-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ432BZ-E1
Description  LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ432BZ-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ432BZ-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ432BZ-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Data Sheet
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432
5
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Parameter
Test
Circuit
Symbol
Conditions
Min
Typ
Max
Unit
Reference Voltage
0.5%
4
VREF
VKA=VREF, IKA=10mA
1.244
1.250
1.256
V
1.0%
1.238
1.250
1.262
Deviation of Reference Voltage
Over Full Temperature Range
4
∆V
REF
VKA=VREF
IKA=10mA
0 to 70oC
2
10
mV
-40 to 85oC
310
-40 to 125oC
415
Ratio of Change in VREF to the
Change in Cathode Voltage
5
∆V
REF
∆V
KA
IKA=10mA,
∆V
KA: VREF to 16V
-0.5
-1.5
mV/V
Reference Input Current
5
IREF
IKA=10mA, R1=10KΩ, R2=∞
0.15
0.4
µA
Deviation of Reference Current
Over Full Temperature Range
5
∆I
REF
IKA=10mA, R1=10KΩ, R2=∞
TA=-40 to 125
oC
0.1
0.4
µA
Minimum Cathode Current for
Regulation
4
IKA
(MIN)
VKA=VREF
55
80
µA
Off-state Cathode
Current
6
IKA
(OFF)
VREF=0, VKA=18V
0.04
0.10
µA
VKA=6V, VREF=0
0.01
0.05
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA
f
≤1.0kHz
0.05
0.15
(Typical and limits apply for TA=25
oC, unless otherwise noted.)
Electrical Characteristics


Similar Part No. - AZ432BZ-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ432BZ-E1 BCDSEMI-AZ432BZ-E1 Datasheet
700Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ432BZ-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432 Datasheet
162Kb / 16P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
   LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
   1.25V Adjustable Shunt Regulator
logo
Unisonic Technologies
TL432 UTC-TL432_10 Datasheet
141Kb / 4P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432 UTC-TL432 Datasheet
103Kb / 3P
   1.25V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
   Low Voltage Adjustable Precision Shunt Regulator
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com