Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7812DTR-E1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7812DTR-E1
Description  1A 3-TERMINAL POSITIVE LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7812DTR-E1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ7812DTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ7812DTR-E1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1A 3-TERMINAL POSITIVE LINEAR REGULATORS
AZ78XX
Data Sheet
10
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 8. Power Dissipation vs. Case Temperature
-40
-20
0
2040
6080
100
120
4
6
8
10
12
14
16
18
Case Temperature (
oC)
Package: TO-220-3
Heatsink Size: 45*43mm
2
0
20
40
60
80
100
120
140
160
180
0
1
2
3
4
5
6
AZ7805
V
IN
=10V, I
OUT
=5mA
C
IN
= 0.33µF, C
OUT
=0.1µF
Junction Temperature (
oC)
Figure 9. Thermal Shutdown Protection


Similar Part No. - AZ7812DTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7812DTR-E1 BCDSEMI-AZ7812DTR-E1 Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
More results

Similar Description - AZ7812DTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com