Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RBM-1.805S Datasheet(PDF) 3 Page - Recom International Power

Part # RBM-1.805S
Description  1 Watt SIP 6 Micro Size, Single & Dual Output
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBM-1.805S Datasheet(HTML) 3 Page - Recom International Power

  RBM-1.805S Datasheet HTML 1Page - Recom International Power RBM-1.805S Datasheet HTML 2Page - Recom International Power RBM-1.805S Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
34
www.recom-international.com
July-2006
Typical Characteristics
RBM
Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
3.312
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
0515
3.315
1215
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
3.312
1212
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
3.315
1215
Package Style and Pinning (mm)
Top View
RECOM
RBM-0505D
****
12
4 5 6
Dual Output
Single Output
12
4 5 6
1.27
0.25
12.70
1.9
16.55
0.51 typ.
4.10
7.70
RECOM
RBM-0505S
****
Bottom View
RECOM
RBM-0505S
****
6.00
2.54
1.00ø+0.15/–0
2.54
0.51 typ.
3rd angle
projection
Pin Connections
Pin #
Single
Dual
1
+Vin
+Vin
2
–Vin
–Vin
4NC
–Vout
5
–Vout
Com
6
+Vout
+Vout
NC = No Connection
Recommended Footprint Details
6 PIN SIP Micro Size Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
RBM-xx12D
RBM-xx15D


Similar Part No. - RBM-1.805S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM-1.805S RECOM-RBM-1.805S Datasheet
107Kb / 3P
   ECONOLINE - DC/DC - CONVERTER
RBM-1.805S RECOM-RBM-1.805S Datasheet
102Kb / 2P
   ECONOLINE - DC/DC-CONVERTER
More results

Similar Description - RBM-1.805S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBM-0505S RECOM-RBM-0505S Datasheet
134Kb / 3P
   1 Watt SIP 6 Micro Size, Single & Dual Output-13
RP-053.3S RECOM-RP-053.3S_06 Datasheet
107Kb / 3P
   1 Watt SIP 7 Single & Dual Output
R05P3.3S RECOM-R05P3.3S Datasheet
106Kb / 3P
   1 Watt SIP 7 Single & Dual Output
RXXPXX RECOM-RXXPXX Datasheet
161Kb / 2P
   1 Watt SIP 7 Single & Dual Output
ROM-1.81.8S RECOM-ROM-1.81.8S_06 Datasheet
91Kb / 3P
   1 Watt SIP4 Micro Size Single Output
ROM RECOM-ROM Datasheet
97Kb / 3P
   1 Watt SIP4 Micro Size Single Output
R05P23.3S RECOM-R05P23.3S Datasheet
86Kb / 3P
   2 Watt SIP 7 Single & Dual Output
logo
RSG Electronic Componen...
RR4-S06-D06 RSG-RR4-S06-D06 Datasheet
177Kb / 3P
   6 Watt 2:1 regulated single & dual output
RR7-S06-D06 RSG-RR7-S06-D06 Datasheet
170Kb / 3P
   6 Watt 4:1 regulated single & dual output
logo
Recom International Pow...
RAC06-C RECOM-RAC06-C Datasheet
82Kb / 2P
   6 Watt Single/Dual Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com