Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7602BN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN7602BN
Description  Green Current-Mode PWM Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7602BN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN7602BN Datasheet HTML 1Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 2Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 3Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 4Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 5Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 6Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 7Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 8Page - Fairchild Semiconductor FAN7602BN Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7602B Rev. 1.0.0
2
Typical Application Diagram
Figure 1. Typical Flyback Application
FAN7602B
Internal Block Diagram
Figure 2. Functional Block Diagram of FAN7602B
Soft
Start
Delay
Circuit
GND
Plimit
Offset
5V Ref
V
CC
LUVP
OUT
CS/FB
UVLO
LUVP
6
19V
OVP
12V/8V
5
3
0.95V/0.88V
8
1
Reset
Circuit
4
VSTR
2V/1.5V
4V
Latch/
Plimit
2
Plimit
Offset
Generator
Driver
Circuit
Latch
OLP
OLP
10ms
Soft Start
SS End
65kHz clock
Auto Restart
Protection
Latch
Protection
Latch
OVP
OLP
PWM
Block
Power Limit
Soft
Start
PWM+
Plimit
Offset
Plimit
Offset
V
CC
SS End


Similar Part No. - FAN7602BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602CM FAIRCHILD-FAN7602CM Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
FAN7602CMX FAIRCHILD-FAN7602CMX Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
More results

Similar Description - FAN7602BN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7601B FAIRCHILD-FAN7601B_12 Datasheet
677Kb / 10P
   Green Current Mode PWM Controller
FAN7602C FAIRCHILD-FAN7602C Datasheet
509Kb / 19P
   Green Current Mode PWM Controller
logo
ON Semiconductor
FAN7602C ONSEMI-FAN7602C Datasheet
475Kb / 19P
   Green Current Mode PWM Controller
Rev. 1.0.1
logo
Fairchild Semiconductor
FAN7602_0611 FAIRCHILD-FAN7602_0611 Datasheet
1Mb / 18P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601 Datasheet
411Kb / 12P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B_11 Datasheet
669Kb / 10P
   Green Current Mode PWM Controller
AN-6014 FAIRCHILD-AN-6014 Datasheet
396Kb / 15P
   Green Current Mode PWM Controller
FAN7601B FAIRCHILD-FAN7601B Datasheet
527Kb / 11P
   Green Current Mode PWM Controller
FAN7602 FAIRCHILD-FAN7602 Datasheet
897Kb / 17P
   Green Current Mode PWM Controller
FAN7601 FAIRCHILD-FAN7601_05 Datasheet
585Kb / 12P
   Green Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com