Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7809DTR-E1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7809DTR-E1
Description  1A 3-TERMINAL POSITIVE LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7809DTR-E1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AZ7809DTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7809DTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1A 3-TERMINAL POSITIVE LINEAR REGULATORS
AZ78XX
Data Sheet
4
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Package
Tempera-
ture Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-220-3
-40 to 125oC
AZ7805T
AZ7805T-E1
AZ7805T
AZ7805T-E1
Tube
AZ7806T
AZ7806T-E1
AZ7806T
AZ7806T-E1
Tube
AZ7808T
AZ7808T-E1
AZ7808T
AZ7808T-E1
Tube
AZ7809T
AZ7809T-E1
AZ7809T
AZ7809T-E1
Tube
AZ7812T
AZ7812T-E1
AZ7812T
AZ7812T-E1
Tube
TO-252-2 (1)
-40 to 125oC
AZ7805D
AZ7805D-E1
AZ7805D
AZ7805D-E1
Tube
AZ7805DTR
AZ7805DTR-E1
AZ7805D
AZ7805D-E1
Tape & Reel
AZ7806D
AZ7806D-E1
AZ7806D
AZ7806D-E1
Tube
AZ7806DTR
AZ7806DTR-E1
AZ7806D
AZ7806D-E1
Tape & Reel
AZ7808D
AZ7808D-E1
AZ7808D
AZ7808D-E1
Tube
AZ7808DTR
AZ7808DTR-E1
AZ7808D
AZ7808D-E1
Tape & Reel
AZ7809D
AZ7809D-E1
AZ7809D
AZ7809D-E1
Tube
AZ7809DTR
AZ7809DTR-E1
AZ7809D
AZ7809D-E1
Tape & Reel
AZ7812D
AZ7812D-E1
AZ7812D
AZ7812D-E1
Tube
AZ7812DTR
AZ7812DTR-E1
AZ7812D
AZ7812D-E1
Tape & Reel
Ordering Information
Circuit Type
Package
E1: Lead Free
Blank: Tin Lead
AZ78XX
TR: Tape and Reel
Blank: Tube
T: TO-220-3
D: TO-252-2 (1)
-
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Output Voltage
05: 5V
08: 8V
09: 9V
12:12V
06: 6V


Similar Part No. - AZ7809DTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7809DTR-E1 BCDSEMI-AZ7809DTR-E1 Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
More results

Similar Description - AZ7809DTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com