Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ4580P-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4580P-E1
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIERS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4580P-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ4580P-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4580P-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DUAL LOW NOISE OPERATIONAL AMPLIFIERS
AZ4580
Data Sheet
1
Jul. 2006 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
General Description
The AZ4580 is a monolithic dual low noise operational
amplifier. It is specifically designed for audio systems
to improve tone control; it can also be used in pre-
amplifier, industrial measurement tools and applica-
tions where gain and phase matched channels are man-
datory.
The IC features internal frequency compensation, low
noise, low distortion, high gain and high bandwidth.
The AZ4580 can operate under dual power supply
voltage up to
±18V or single power supply up to 36V.
The AZ4580 is available in DIP-8, SOIC-8, SIP-8 and
TSSOP-8 packages.
Features
·
Large Signal Voltage Gain: 110dB Typical
·
Low Input Noise Voltage: 0.7
µV
RMS (RIAA)
Typical
·
Wide Gain Bandwidth Product: 15 MHz at
10KHz Typical
·
Low Distortion: 0.0005% Typical
·
Slew Rate: 7V/
µs Typical
Applications
·
Audio AC-3 Decoder System
·
Audio Amplifier
SOIC-8
DIP-8
Figure 1. Package Types of AZ4580
SIP-8
TSSOP-8


Similar Part No. - AZ4580P-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4580P-E1 BCDSEMI-AZ4580P-E1 Datasheet
715Kb / 13P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ4580P-E1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
Unisonic Technologies
MC33078 UTC-MC33078 Datasheet
147Kb / 6P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4560F ROHM-BA4560F Datasheet
252Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN6555 PANASONIC-AN6555 Datasheet
35Kb / 4P
   Low Noise Dual Operational Amplifiers
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833 Datasheet
45Kb / 5P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
December 1997
logo
Advanced Analog Technol...
AZ4558A AAT-AZ4558A Datasheet
221Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_10 Datasheet
488Kb / 14P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ4580 ETC-AZ4580 Datasheet
234Kb / 10P
   DUAL LOW NOISE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
NE5532 TI-NE5532_09 Datasheet
439Kb / 13P
[Old version datasheet]   DUAL LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558RF ROHM-BA4558RF Datasheet
300Kb / 6P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com