Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1086D-3.3TRE1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1086D-3.3TRE1
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1086D-3.3TRE1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1086D-3.3TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ1086D-3.3TRE1 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086
Data Sheet
10
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 13. Load Transient Response
Figure 14. Line Transient Response
(Conditions: VIN=4.8V, VOUT=3.3V, IOUT=0.1 to 0.75A,
CIN=COUT=10µF)
Time (10
µs/Div)
-400
0
400
0
100
200
-800
AZ1086-ADJ
AZ1086-ADJ
(Conditions: VIN=4.8V to 5.8V, VOUT=3.3V, IOUT=0.1A,
CIN=1µF, COUT=10µF)
-0.5
0
0.5
0
20
40
-1
Time (20
µs/Div)
-20
-100
Figure 12. Minimum Load Current vs. Junction Temperature
0
25
50
75
100
125
0
1
2
3
4
5
Junction Temperature (
oC)
10
100
1k
10k
100k
20
30
40
50
60
70
80
Frequency (Hz)
Figure 15. Ripple Rejection vs. Frequency


Similar Part No. - AZ1086D-3.3TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086D-3.3TRE1 BCDSEMI-AZ1086D-3.3TRE1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1086D-3.3TRE1

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com