Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM5901A Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AM5901A
Description  4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5901A Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AM5901A Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5901A Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Data Sheet
5
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4-CHANNEL MOTOR DRIVER WITH POWER CONTROLLER
AM5901A
Functional Block Diagram
Figure 4. Functional Block Diagram of AM5901A
AMUTE
EMP
HVcc
PSW
CLK
START
OFF
CHGVcc
SEL
PREGND
PWMFIL
34
35
36
37
38
39
40
41
42
43
44
22
21
20
19
18
17
16
15
14
13
12
1
2
3
4
5
6
7
8
9
10
11
VSYS1
OPOUT
OP+
VSYS2
VREF
IN3
IN4
MUTE34
IN2
MUTE2
IN1
BRAKE
MAXIMUM
DETECTION
POWER
OFF
STARTER
OVER VOLTAGE
TRIANGLE WAVE
33
32
31
30
29
28
27
26
25
24
23
+
+
+
+
++
+
+
+
+
+
++
+
RCHG
OUT1R
OUT1F
OUT2R
OUT2F
POWGND
OUT3F
OUT3R
OUT4F
OUT4R
BRAKE1
BSEN
BATT
RESET
DEAD
SW
EO
EI
SPRT
C
T
N.C.
OP-


Similar Part No. - AM5901A

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM5920N ANALOGPOWER-AM5920N Datasheet
158Kb / 3P
   Dual N-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM5920N-T1-PF VBSEMI-AM5920N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM5922N ANALOGPOWER-AM5922N Datasheet
345Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM5922N-T1-PF VBSEMI-AM5922N-T1-PF Datasheet
1Mb / 8P
   Dual N-Channel 20 V (D-S) MOSFET
logo
Analog Power
AM5931P ANALOGPOWER-AM5931P Datasheet
59Kb / 3P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - AM5901A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT5801 ETC1-AT5801 Datasheet
276Kb / 12P
   4-Channel driver Power Controller
D5954 ETC1-D5954 Datasheet
419Kb / 6P
   4 CHANNEL DRIVER MOTOR DRIVER
logo
Rohm
BA6893AK ROHM-BA6893AK Datasheet
287Kb / 18P
   4-channel driver and power controller
logo
Aimtron Technology
AT5802 AIMTRON-AT5802 Datasheet
258Kb / 12P
   Preliminary 4-Channel driver Power Controller
logo
Fairchild Semiconductor
FAN8024ED FAIRCHILD-FAN8024ED Datasheet
187Kb / 12P
   4-Channel Motor Driver
KA3012D FAIRCHILD-KA3012D Datasheet
238Kb / 13P
   4-Channel Motor Driver
FAN8024BD FAIRCHILD-FAN8024BD Datasheet
160Kb / 10P
   4-Channel Motor Driver
FAN8040 FAIRCHILD-FAN8040 Datasheet
514Kb / 17P
   4-Channel Motor Driver
KA3021D FAIRCHILD-KA3021D Datasheet
194Kb / 12P
   4-Channel Motor Driver
FAN8024CD FAIRCHILD-FAN8024CD Datasheet
179Kb / 12P
   4-Channel Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com