Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC1.5-243.3SRH1M Datasheet(PDF) 1 Page - Recom International Power

Part # REC1.5-243.3SRH1M
Description  1.5/1.8 Watt DIP24 miniature & SMD Single Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC1.5-243.3SRH1M Datasheet(HTML) 1 Page - Recom International Power

  REC1.5-243.3SRH1M Datasheet HTML 1Page - Recom International Power REC1.5-243.3SRH1M Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
62
www.recom-international.com
July-2006
Input Voltage Range
±15% max
Output Voltage Accuracy
±3% max.
Line Voltage Regulation
±0.4% max
Load Voltage Regulation (10% to 100% full load )
±0.8% max.
Output Ripple and Noise (at 20MHz BW)
100mVp-p max.
Operating Frequency
85kHz min.
Efficiency
65% min.
No Load Power Consumption
200mW max.
Isolation Voltage
(tested for 1 second)
1000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
20pF min. / 60pF max.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection
Continuous
Short Circuit Protection
-40°C to +80°C (see Graph)
Storage Temperature Range
-50°C to +125°C
Temperature Coefficient
±0.02%/°C
Relative Humidity
95% RH
Thermal Impedance
Natural convection
20°C/W for metal case
Package Weight
8.5g
MTBF (+25°C)
using MIL-HDBK 217F
1000 x 103 hours
(+80°C)
using MIL-HDBK 217F
150 x 103 hours
100
60
20
40
100
50
0
-40
80
150
Operating Temperature °C
0
80
Safe Operating Area
25
Derating-Graph
(Ambient Temperature)
Selection Guide
1.5/1.8 Watt
DIP24 minia-
ture & SMD
Single Output
ECONOLINE
DC/DC-Converter
REC1.5- &
REC1.8-
SR/H1
Series
1.5W/1.8W in Mini DIP and SMD Packages
1KVDC Isolation
Regulated Output
UL94V-0 Package Material
Continuous Short Circuit Protection
Internal SMD design
100% Burned In
Efficiency to 70%
Features
Regulated
Converters
Specifications (Core Operating Area)
Part
Input
Output
Output
Number
Voltage
Voltage
Current
DIP24 miniature (/SMD)
(VDC)
(VDC)
(mA)
REC1.5-xx3.3SR/H1
5, 12, 24
3.3
450
REC1.5-xx05SR/H1
5, 12, 24
5
300
REC1.5-xx09SR/H1
5, 12, 24
9
166
REC1.5-xx12SR/H1
5, 12, 24
12
125
REC1.5-xx15SR/H1
5, 12, 24
15
100
REC1.8-xx3.3SR/H1
5, 12, 24
3.3
500
REC1.8-xx05SR/H1
5, 12, 24
5
360
REC1.8-xx09SR/H1
5, 12, 24
9
200
REC1.8-xx12SR/H1
5, 12, 24
12
150
REC1.8-xx15SR/H1
5, 12, 24
15
120
* add suffix "/S
SMD" for SMD package, e.g. REC1.5-0505SR/H1/SMD
* add suffix “/M
M“for Metal Case, e.g. REC1.5-0505SR/H1/M
Detailed information see
Application Notes chapter “MTBF”
}


Similar Part No. - REC1.5-243.3SRH1M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC10 RECOM-REC10 Datasheet
90Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC10-1205D/H2/M RECOM-REC10-1205D/H2/M Datasheet
105Kb / 2P
   10 Watt Single & Dual Output
REC10-1205DRWL RECOM-REC10-1205DRWL Datasheet
90Kb / 2P
   ECONOLINE - DC/DC - CONVERTER
REC10-1205DRWZ RECOM-REC10-1205DRWZ Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
REC10-1205DRWZH RECOM-REC10-1205DRWZH Datasheet
82Kb / 2P
   10 Watt 1??x 2??Single & Dual Output
More results

Similar Description - REC1.5-243.3SRH1M

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP1P5 RECOM-RP1P5 Datasheet
100Kb / 4P
   1.5 Watt DIP24 & SMD, Single & Dual Output
RV-3.33.3S RECOM-RV-3.33.3S_06 Datasheet
106Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RV-33S RECOM-RV-33S Datasheet
108Kb / 3P
   2 Watt DIP24 Miniature Single & Dual Output
RPO3-1233SA RECOM-RPO3-1233SA Datasheet
103Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
REC8 RECOM-REC8 Datasheet
125Kb / 3P
   8 Watt DIP24 & SMD Single & Dual Output
RP08-A RECOM-RP08-A Datasheet
499Kb / 7P
   8 Watt DIP24/SMD Single & Dual Output
REC3-053.3SR RECOM-REC3-053.3SR Datasheet
74Kb / 2P
   3 Watt DIP24 & SMD Single & Dual Output
REC3-S_DRW RECOM-REC3-S_DRW Datasheet
135Kb / 4P
   3 Watt DIP24 & SMD Single & Dual Output
RP08-123.3SA RECOM-RP08-123.3SA Datasheet
103Kb / 4P
   8 Watt DIP24 & SMD, Single & Dual Output
RP03-0533SG RECOM-RP03-0533SG Datasheet
99Kb / 4P
   3 Watt DIP24 & SMD, Single & Dual Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com