Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ324 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AZ324
Description  LOW POWER QUAD OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ324 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ324 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ324 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324
Data Sheet
11
Aug. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions
DIP-14
Unit: mm(inch)
0.254(0.010)
10°
10°
18.800(0.740)
19.200(0.756)
0.360(0.014)
0.560(0.022)
2.540(0.100)TYP
R1.000(0.039)
0.130(0.005)MIN
7.620(0.300)TYP
0.700(0.028)
Φ3.000(0.118)
Depth
0.100(0.004)
0.200(0.008)
8.200(0.323)
9.400(0.370)
0.204(0.008)
0.360(0.014)
1.600(0.063)
1.800(0.071)
1.600(0.063)
1.800(0.071)
1.524(0.060) TYP
3.000(0.118)
3.600(0.142)
0.510(0.020)MIN
6.200(0.244)
6.600(0.260)


Similar Part No. - AZ324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ324 ETC1-AZ324 Datasheet
285Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ324 BCDSEMI-AZ324 Datasheet
57Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ324M ETC1-AZ324M Datasheet
285Kb / 11P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ324M BCDSEMI-AZ324M Datasheet
57Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324M-E1 BCDSEMI-AZ324M-E1 Datasheet
57Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results

Similar Description - AZ324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com