Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ494DMTR Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ494DMTR
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ494DMTR Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ494DMTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ494DMTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494B/D
Data Sheet
5
Jun. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions (Note 4)
Min
Typ
Max
Unit
Reference Section
Output Reference
Voltage
for AZ494B
VREF
IREF=1mA
4.875
4.95
5.025
V
for AZ494D
VREF
IREF=1mA
4.925
5.0
5.075
V
Line Regulation
RLINE
VCC = 7V to 36V
2
25
mV
Load Regulation
RLOAD IREF=1mA to 10mA
1
15
mV
Short-Circuit Output Current(Note 5)
ISC
VREF = 0V
25
mA
Oscillator Section, CT = 0.01µF, RT = 12KΩ (See Figure 4)
Frequency
fosc
10
KHz
Standard Deviation of Frequency
(Note 6)
All values of VCC, CT, RT and TA
constant
100
Hz/KHz
Frequency Change with Voltage
VCC=7V to 36V, TA = 25
oC
1
Hz/KHz
Frequency Change with Temperature
(Note 7)
∆T
A= MIN to MAX
10
Hz/KHz
Error-Amplifier Section
Input Offset Voltage
VIO
VO (FEEDBACK) = 2.5V
2
10
mV
Input Offset Current
IIO
VO (FEEDBACK) = 2.5V
25
250
nA
Input Bias Current
IBIAS
VO (FEEDBACK) = 2.5V
0.2
1
µA
Common-Mode Input Voltage Range
VCM
VCC=7V to 36V
-0.3
VCC-
2
V
Large-Signal
Open-Loop
Voltage
Gain
AVO
∆V
O = 3V, RL =2KΩ,
VO =0.5V to 3.5V
70
95
dB
Unity-Gain Bandwidth
GB
800
KHz
Common-Mode Rejection Ratio
CMRR
VCC=7V to 36V
65
80
dB
Output Sink Current (FEEDBACK)
ISINK
VID = -15mV to -5V,
V(FEEDBACK) = 0.7V
- 0.3
- 0.7
mA
Output Source Current (FEEDBACK)
ISOURCE
VID = 15mV to 5V, V(FEED-
BACK) = 3.5V
2
mA
Output Section
Collector Off-State Current
IC, OFF
VCE = 36V, VCC=36V
2
100
µA
Emitter Off-State Current
IE, OFF
VCC = VC = 36V, VE = 0
-100
µA
Collector-Emitter
Saturation Voltage
Common
Emitter
VE = 0, IC =200mA
1.1
1.3
V
Emitter
Follower
VO (C1 or C2) = 15V,
IE = -200mA
1.5
2.5
TA = 25
oC, V
CC=15V, f=10KHz unless otherwise noted.
Electrical Characteristics


Similar Part No. - AZ494DMTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ494DMTR BCDSEMI-AZ494DMTR Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494DMTR-E1 BCDSEMI-AZ494DMTR-E1 Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results

Similar Description - AZ494DMTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL594I TI-TL594I Datasheet
504Kb / 9P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001 Datasheet
348Kb / 23P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
52Kb / 2P
   PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com