Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ7812D Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ7812D
Description  1A 3-TERMINAL POSITIVE LINEAR REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ7812D Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ7812D Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ7812D Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
1A 3-TERMINAL POSITIVE LINEAR REGULATORS
AZ78XX
Data Sheet
5
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Input Voltage
AZ7805
VIN
15
V
AZ7806
15
AZ7808
15
AZ7809
15
AZ7812
17
Operating Junction Temperature Range
TJ
-40
125
oC
Absolute Maximum Ratings (Note 1)
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Power Dissipation
PD
Internally Limited
W
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Thermal Resistance
θ
JA
TO-220-3
60
oC/W
TO-252-2 (1)
100
ESD (Human Body Model)
ESD
3500
V
ESD (Machine Model)
ESD
500
V
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.


Similar Part No. - AZ7812D

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ7812D BCDSEMI-AZ7812D Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
AZ7812D-E1 BCDSEMI-AZ7812D-E1 Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
AZ7812DTR BCDSEMI-AZ7812DTR Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
AZ7812DTR-E1 BCDSEMI-AZ7812DTR-E1 Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
More results

Similar Description - AZ7812D

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Hangzhou Youwang Electr...
UTC78XX YOUWANG-UTC78XX Datasheet
5Mb / 8P
   3 TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
LM7812A FAIRCHILD-LM7812A Datasheet
516Kb / 28P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78XX IKSEMICON-IL78XX Datasheet
1Mb / 21P
   POSITIVE VOLTAGE REGULATOR 3- TERMINAL 1A POSITIVE VOLTAGE REGULATORS IL78xx
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
   3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
   3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
   3-Terminal Positive Regulators
logo
National Semiconductor ...
LM342 NSC-LM342 Datasheet
138Kb / 6P
   3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com