Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2317H-ADJTRE1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP2317H-ADJTRE1
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2317H-ADJTRE1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP2317H-ADJTRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2317H-ADJTRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2317
4
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Ordering Information
Circuit Type
Package
R: SOT-89-3
H: SOT-223
ADJ: Adjustable Output
2.5: Fixed Output 2.5V
3.3: Fixed Output 3.3V
E1: Lead Free
Blank: Tin Lead
AP2317
-
TR: Tape and Reel
Blank: Tube
S: TO-263-3
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-89-3
-40 to 125oC
AP2317R-ADJTR
AP2317R-ADJTRE1
R27A
E27A
Tape & Reel
AP2317R-2.5TR
AP2317R-2.5TRE1
R27B
E27B
Tape & Reel
AP2317R-3.3TR
AP2317R-3.3TRE1
R27C
E27C
Tape & Reel
SOT-223
-40 to 125oC
AP2317H-ADJTR
AP2317H-ADJTRE1
H27A
EH27A
Tape & Reel
AP2317H-2.5TR
AP2317H-2.5TRE1
H27B
EH27B
Tape & Reel
AP2317H-3.3TR
AP2317H-3.3TRE1
H27C
EH27C
Tape & Reel
TO-263-3
-40 to 125oC
AP2317S-3.3
AP2317S-3.3E1
AP2317S-3.3
AP2317S-3.3E1
Tube
AP2317S-3.3TR
AP2317S-3.3TRE1
AP2317S-3.3
AP2317S-3.3E1
Tape & Reel


Similar Part No. - AP2317H-ADJTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2317H-ADJTRE1 BCDSEMI-AP2317H-ADJTRE1 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AP2317H-ADJTRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com