Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR6928A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CR6928A
Description  Triple video driver hybrid amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CR6928A Datasheet(HTML) 3 Page - NXP Semiconductors

  CR6928A Datasheet HTML 1Page - NXP Semiconductors CR6928A Datasheet HTML 2Page - NXP Semiconductors CR6928A Datasheet HTML 3Page - NXP Semiconductors CR6928A Datasheet HTML 4Page - NXP Semiconductors CR6928A Datasheet HTML 5Page - NXP Semiconductors CR6928A Datasheet HTML 6Page - NXP Semiconductors CR6928A Datasheet HTML 7Page - NXP Semiconductors CR6928A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998 Jul 03
3
Philips Semiconductors
Product specification
Triple video driver hybrid amplifier
CR6928A
CHARACTERISTICS
VS = 85 V; Tmb =25 °C; CL = 10 pF; output swing = 45 V (p-p) with 42.5 V DC offset (see Fig.3); unless otherwise
specified.
Notes
1. Input signal is a 100 kHz square wave of 3.7 V (p-p) with 400 mV DC offset (50
Ω source), without Rlevel.
2. Sinewave output signal: 1 V (p-p).
3. Measured VO/VI at input test circuit.
4. Measured VO/VI at input module.
APPLICATION NOTES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per amplifier
IS
supply current
open input and open output
105
120
135
mA
Ptot
total power dissipation
25 MHz square wave
12
12.5
W
tr
rise time transient response
10 to 90%; note 1
2.5
3.1
ns
tf
fall time transient response
10 to 90%; note 1
2.1
2.5
ns
BW
small signal bandwidth
between
−3 dB points; note 2
140
150
MHz
Vtilt
low frequency tilt voltage
10 kHz square wave
1.3
1.5
V
Vos
overshoot voltage (rise and
fall time)
adjustable by C1 and C2;
see Fig.3
310
%
NLN
non-linearity
VO =15to75V
25%
AV
DC voltage gain
50
Ω source; note 3
11.2
12.4
13.6
V/V
VG
insertion gain
50
Ω source; note 4
160
180
200
V/V
Fig.2 Block diagram, single amplifier.
handbook, halfpage
4.3 k
150 k
680 pF
input
output
1.5 V
MDA861
VS


Similar Part No. - CR6928A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
More results

Similar Description - CR6928A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
   Triple video driver hybrid amplifier
1997 Oct 21
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
   Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR1296 PHILIPS-CR1296 Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1997 Jul 09
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 05
CR6627 PHILIPS-CR6627 Datasheet
51Kb / 12P
   Triple video driver hybrid amplifier
1995 Apr 04
CR6929 PHILIPS-CR6929 Datasheet
61Kb / 8P
   Triple video driver hybrid amplifier
1998 Sep 21
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
   Triple video driver hybrid amplifier
1998 Feb 12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com