Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2210K-3.0TRE1 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2210K-3.0TRE1
Description  300mA RF ULDO REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2210K-3.0TRE1 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2210K-3.0TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2210K-3.0TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
300mA RF ULDO REGULATOR
AP2210
Data Sheet
3
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 3. Functional Block Diagram of AP2210
+
-
Bandgap
Ref.
Current Limit
Thermal Shutdown
V
IN
BYP
EN
GND
V
OUT
Functional Block Diagram
(4)
Circuit Type
Package
E1: Lead Free
Blank: Tin Lead
AP2210
-
TR: Tape and Reel
2.5: Fixed Output 2.5V
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-3
-40 to 125oC
AP2210N-2.5TRE1
EH2
Tape & Reel
AP2210N-2.8TRE1
EH3
Tape & Reel
AP2210N-3.0TRE1
EH4
Tape & Reel
AP2210N-3.3TRE1
EH5
Tape & Reel
SOT-23-5
-40 to 125oC
AP2210K-2.5TR
AP2210K-2.5TRE1
K5C
E5C
Tape & Reel
AP2210K-2.8TRE1
E5F
Tape & Reel
AP2210K-3.0TR
AP2210K-3.0TRE1
K5H
E5H
Tape & Reel
AP2210K-3.3TR
AP2210K-3.3TRE1
K5K
E5K
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
3.0: Fixed Output 3.0V
3.3: Fixed Output 3.3V
2.8: Fixed Output 2.8V
K: SOT-23-5
N: SOT-23-3
A (B)
A for SOT-23-3
B for SOT-23-5
1 (2)
2 (5)
3 (1)
(3)


Similar Part No. - AP2210K-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2210K-3.0TRE1 DIODES-AP2210K-3.0TRE1 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
More results

Similar Description - AP2210K-3.0TRE1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202 Datasheet
169Kb / 13P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7375 DIODES-AP7375 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Rev. 3 - 2 September 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
   WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
   AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com