Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2302D-E1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2302D-E1
Description  3A DDR TERMINATION REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2302D-E1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2302D-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2302D-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
3A DDR TERMINATION REGULATOR
AP2302
Preliminary Datasheet
11
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Mechanical Dimensions (Continued)
TO-252-5L
Unit: mm(inch)
2.180(0.086)
2.400(0.094)
0.000(0.000)
0.250(0.010)
0.900(0.035)
1.250(0.049)
0.450(0.018)
0.700(0.028)
0.430(0.017)
0.600(0.023)
0.430(0.017)
0.600(0.023)
6.350(0.250)
6.700(0.264)
4.300(0.169)
5.500(0.217)
5.970(0.235)
6.220(0.245)
2.540(0.100)BSC
5.080(0.200)
BSC
9.500(0.374)
10.400(0.410)
2.550(0.100)
3.200(0.126)
1.400(0.055)
1.780(0.070)
4.800(0.189)
MIN
4.300(0.169)
5.400(0.213)


Similar Part No. - AP2302D-E1

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
AP2302AGN ZPSEMI-AP2302AGN Datasheet
423Kb / 6P
   N-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2302AGN-HF A-POWER-AP2302AGN-HF Datasheet
99Kb / 4P
   Capable of 2.5V gate drive, Lower Gate Charge
AP2302AGN-HF A-POWER-AP2302AGN-HF_14 Datasheet
99Kb / 4P
   Surface mount package
AP2302AGN-HF A-POWER-AP2302AGN-HF_16 Datasheet
99Kb / 5P
   Surface Mount Package
AP2302GN A-POWER-AP2302GN Datasheet
70Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP2302D-E1

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6383B SSC-SS6383B Datasheet
585Kb / 8P
   3A DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2992 GMT-G2992_06 Datasheet
331Kb / 7P
   3A DDR Bus Termination Regulator
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
   3A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992 GMT-G2992 Datasheet
83Kb / 1P
   3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR6515D UTC-UR6515D Datasheet
713Kb / 9P
   3A DDR BUS TERMINATION REGULATOR
logo
Monolithic Power System...
MP2007 MPS-MP2007 Datasheet
257Kb / 11P
   3A, 1.3V??.0V DDR Memory Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com