Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7311BM Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FAN7311BM
Description  LCD Backlight Inverter Drive IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311BM Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FAN7311BM Datasheet HTML 1Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 2Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 3Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 4Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 5Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 6Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 7Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 8Page - Fairchild Semiconductor FAN7311BM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2007 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7311B Rev. 1.0.0
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only.
For typical values, TA=25°C and VIN=12V. For min. and max. values, TA is the operating ambient temperature range
with -25°C
≤ TA ≤ 85°C and 5V ≤ VIN ≤ 25.5V, unless otherwise specified.
Notes:
1. Thermal resistance test board size: 76.2 * 114.3 * 1.6mm (1S0P). JEDEC standard: JESD51-2, JESD51-3.
Symbol
Parameter
Value
Unit
VIN
Supply Voltage
5 to 25.5
V
TA
Operating Temperature Range
-25 to 85
°C
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
θJA(1)
Thermal Resistance Junction-to-Ambient (still air)
70
°C/W
PD
Power Dissipation
1.8
W


Similar Part No. - FAN7311BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7311G FAIRCHILD-FAN7311G Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7311G FAIRCHILD-FAN7311G Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311_07 Datasheet
374Kb / 16P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com