Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5033 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5033
Description  8-Bit Programmable, 2- to 3-Phase, Synchronous Buck Controller
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5033 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5033 Datasheet HTML 4Page - Fairchild Semiconductor FAN5033 Datasheet HTML 5Page - Fairchild Semiconductor FAN5033 Datasheet HTML 6Page - Fairchild Semiconductor FAN5033 Datasheet HTML 7Page - Fairchild Semiconductor FAN5033 Datasheet HTML 8Page - Fairchild Semiconductor FAN5033 Datasheet HTML 9Page - Fairchild Semiconductor FAN5033 Datasheet HTML 10Page - Fairchild Semiconductor FAN5033 Datasheet HTML 11Page - Fairchild Semiconductor FAN5033 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
© 2006 Fairchild Semiconductor 2006
www.fairchildsemi.com
FAN5033 Rev. 1.0.0
8 of 39
Electrical Characteristics (Continued)
VCC = 12V, FBRTN = GND, and TA = +25°C. The • denotes specifications that apply over the full operating
temperature range.
Symbol
Parameter
Conditions
Min. Typ. Max.
Unit
OD Output
VOL(ODB)
Output Voltage Low
IPWM(SINK) = 400μA
160
400
mV
VOH(ODB)
Output Voltage High
IPWM(SOURCE) = 400μA
4
5
V
Power Good Comparator
VPWRGD(UV)
Under-Voltage
Threshold
Relative to Nominal DAC Output
-300
-250
-200
mV
VPWRGD(OV)
Over-Voltage
Threshold
Relative to Nominal DAC Output
100
150
200
mV
VOL(PWRGD)
Output Low Voltage
IPWRGD(SINK) = -4mA
200
300
mV
Start-up
sequence
2
ms
VID code
Changing
250
µs
tPWRGD
Power Good Delay
Time
CDELAY = 10nF
Power Good
Blanking Time
VID Code Static
100
200
ns
VCROWBAR
Crowbar Trip Point
Relative to Nominal DAC Output
100
150
200
mV
Crowbar Reset Point
Relative to FBRTN
250
300
350
mV
VID code Change
100
250
µs
tCROWBAR
Crowbar Delay Time
Over-voltage to
PWM going low
Crowbar Blanking
Time
VID Code Static
400
ns
PWM Outputs
VOL(VRTM)
Output Voltage Low
IPWM(SINK) = 400μA
160
400
mV
VOH(VRTM)
Output Voltage High
IPWM(SOURCE) = 400μA
4
5
V
Phase Disable Voltage
Applicable to PWM3 pins only. Connect
this pin to VCC to disable the phase.
(3)
• VCC -.1
V
Input Supply
VCC
DC Supply Current
EN = Logic HIGH
8
12
mA
VUVLO
UVLO Threshold
VCC rising
6.5
6.9
7.3
V
VULVOLHYS
UVLO Hysteresis
0.7
0.9
1.1
V
Notes:
1.
All limits at operating temperature extremes are guaranteed by design, characterization, and statistical quality
control.
2.
AC specifications guaranteed by design and characterization; not production tested.
3.
To operate FAN5033 with fewer than three phases, PWM3 should be connected to VCC to disable this phase.
See the “Theory of Operation” section for details.


Similar Part No. - FAN5033

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
FAN5031MPX FAIRCHILD-FAN5031MPX Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
FAN5032 FAIRCHILD-FAN5032 Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
FAN5032MPX FAIRCHILD-FAN5032MPX Datasheet
479Kb / 6P
   8-Bit Programmable 2 to 4 Phase Synchronous Buck Controller
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
More results

Similar Description - FAN5033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3193A ONSEMI-ADP3193A Datasheet
577Kb / 29P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
February 2008 ??Rev. 1
logo
Analog Devices
ADP3193A AD-ADP3193A Datasheet
1,007Kb / 32P
   8-Bit, Programmable, 2- to 3-Phase, Synchronous Buck Controller
REV. 0
logo
ON Semiconductor
ADP3293 ONSEMI-ADP3293 Datasheet
456Kb / 30P
   8-Bit, Programmable 2- to 3-Phase Synchronous Buck Controller
July, 2009 ??Rev. 3
logo
Analog Devices
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. A
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029_07 Datasheet
139Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5031 FAIRCHILD-FAN5031 Datasheet
424Kb / 3P
   8-Bit Programmable, 2 to 4 Phase, Synchronous Buck Controller
logo
Analog Devices
ADP3189 AD-ADP3189 Datasheet
1Mb / 36P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
REV. 0
logo
Fairchild Semiconductor
FAN5029 FAIRCHILD-FAN5029 Datasheet
443Kb / 3P
   8-Bit Programmable 2- to 5-Phase Synchronous Buck Controller
logo
Analog Devices
ADP3192 AD-ADP3192 Datasheet
1Mb / 32P
   8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com