Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ431LBKTR Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AZ431LBKTR
Description  LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ431LBKTR Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ431LBKTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ431LBKTR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Data Sheet
7
Mar. 2007 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431L
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Reference Current vs. Ambient Temperature
Figure 9. Cathode Current vs. Cathode Voltage
Figure 10. Cathode Current vs. Cathode Voltage
-50
-25
0
25
50
75
100
125
150
1.235
1.236
1.237
1.238
1.239
1.240
1.241
1.242
Ambient Temperature (
oC)
V
KA
=V
REF
I
KA
=10mA
-50
-25
0
25
50
75
100
125
0.12
0.13
0.14
0.15
0.16
0.17
0.18
R1=10K
R2=Infinite
I
KA
=10mA
Ambient Temperature (
oC)
-1
0
1
-150
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
-1
0
1
-300
-200
-100
0
100
200
300
400
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
oC
Typical Performance Characteristics


Similar Part No. - AZ431LBKTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431LBKTR-E1 BCDSEMI-AZ431LBKTR-E1 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LBKTR-E1 BCDSEMI-AZ431LBKTR-E1 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Diodes Incorporated
AZ431LBKTR-E1 DIODES-AZ431LBKTR-E1 Datasheet
617Kb / 20P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ431LBKTR-G1 BCDSEMI-AZ431LBKTR-G1 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
AZ431LBKTR-G1 BCDSEMI-AZ431LBKTR-G1 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AZ431LBKTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L Datasheet
164Kb / 16P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z_08 Datasheet
139Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L431L ETC2-L431L Datasheet
562Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_10 Datasheet
755Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432Z HTC-TL432Z Datasheet
131Kb / 6P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
BCD Semiconductor Manuf...
AZ431L BCDSEMI-AZ431L_12 Datasheet
703Kb / 17P
   LOW VOLTAGE (1.24V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
HTC Korea TAEJIN Techno...
TL432 HTC-TL432_10 Datasheet
470Kb / 7P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432 HTC-TL432 Datasheet
165Kb / 5P
   Low Voltage(1.24V) Adjustable Precision Shunt Regulator
logo
Aimtron Technology
AT431 AIMTRON-AT431 Datasheet
328Kb / 11P
   1.24V low-Voltage Adjustable Precision Shunt Regulator
logo
List of Unclassifed Man...
L432 ETC-L432 Datasheet
283Kb / 11P
   1.24V Low-Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com