Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2940S-2.5TRE1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940S-2.5TRE1
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940S-2.5TRE1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ2940S-2.5TRE1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940S-2.5TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
Data Sheet
5
Mar. 2007 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
13.2
V
Operating Junction Temperature
TJ
-40
125
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Value
Unit
Input Voltage
VIN
16
V
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance
θ
JA
TO-220-3
60
oC/W
TO-263-3
60
TO-252-2 (1)
100
ESD (Human Body Model)
ESD
5000
V
ESD (Machine Model)
ESD
300
V
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ2940S-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940S-2.5TRE1 BCDSEMI-AZ2940S-2.5TRE1 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940S-2.5TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940 Datasheet
179Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com