Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ339P-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ339P-E1
Description  LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ339P-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ339P-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ339P-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339
1
Aug. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AZ339 series consists of four independent preci-
sion voltage comparators with an offset voltage speci-
fication as low as 2mV. The input common mode
voltage range of these comparators includes ground,
even when operated from a single power supply volt-
age. Operation from split power supplies is also possi-
ble and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
The AZ339 series is designed to directly interface with
TTL and CMOS.
The AZ339 series can be widely used in such applica-
tions as battery charger, cordless telephone, switching
power supply, DC-DC module and PC motherboard.
The AZ339 series are available in 2 Packages: DIP-14
and SOIC-14.
Features
·
Wide Supply Voltage Range
- Single Supply: 2.0V to 18V
- Dual Supplies:
±1.0V to ± 9V
·
Very Low Supply Current Drain: 0.8mA
- Independent of Supply Voltage
·
Low Input Bias Current: 25nA (Typical)
·
Low Input Offset Current:
±5nA (Typical)
·
Low Input Offset Voltage:
±2mV (Typical)
·
Input Common Mode Voltage Range Includes
Ground
·
Differential Input Voltage Range Equals to the
Power Supply Voltage
·
Low Output Saturation Voltage: 250mV at 4mA
·
Open Collector Output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
Figure 1. Package Types of AZ339
DIP-14
SOIC-14


Similar Part No. - AZ339P-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ339P ETC1-AZ339P Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results

Similar Description - AZ339P-E1

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
   Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
   Low Power Low Offset Voltage Quad Comparators
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
   Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
   Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Shaoxing Devechip Micro...
SDP339 SDC-SDP339 Datasheet
550Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com