Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1086D-ADJ Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1086D-ADJ
Description  1.5A LOW DROPOUT LINEAR REGULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1086D-ADJ Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ1086D-ADJ Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1086D-ADJ Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086
Data Sheet
5
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Note 2: Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical
specifications do not apply when operating the device outside of its operating ratings. The maximum allowable
power dissipation is a function of the maximum junction temperature, TJ(max), the junction-to-ambient thermal
resistance,
θ
JA, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient tem-
perature is calculated using: PD(max)=(TJ(max) -TA)/θJA. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the regulator will go into thermal shutdown.
Recommended Operating Conditions
Parameter
Symbol
Value
Unit
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Thermal Resistance (Note 2)
θ
JA
TO-252-2 (1)
100
oC/W
TO-263-3
60
TO-220-3
60
SOT-223
120
ESD (Machine Model)
ESD
400
V
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
15
V
Operating Junction Temperature Range
TJ
0
125
oC
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ1086D-ADJ

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJG1 BCDSEMI-AZ1086D-ADJG1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
AZ1086D-ADJTRG1 BCDSEMI-AZ1086D-ADJTRG1 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1086D-ADJ

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC8812 E-CMOS-EC8812 Datasheet
376Kb / 10P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086D-ADJE1 BCDSEMI-AZ1086D-ADJE1_10 Datasheet
836Kb / 17P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1086 SIPEX-SP1086 Datasheet
492Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1086 BCDSEMI-AZ1086 Datasheet
174Kb / 2P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
LR3965 UTC-LR3965_15 Datasheet
446Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Exar Corporation
SP1086 EXAR-SP1086 Datasheet
544Kb / 12P
   1.5A Low Dropout Linear Regulator
logo
Unisonic Technologies
LR3965 UTC-LR3965 Datasheet
429Kb / 10P
   1.5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G9086 GMT-G9086 Datasheet
63Kb / 2P
   1.5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151 Datasheet
166Kb / 12P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com