Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ39151 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ39151
Description  1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ39151 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ39151 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ39151 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Data sheet
1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Ma
Unit
Output Voltage
VOUT
-1
1
%
10mA
≤I
OUT≤1.5A, 6V≤VIN≤13.5V
-2
2
Line Regulation
VRLINE
6V
≤V
IN≤13.5V
3
25
mV
Load Regulation
VRLOAD
10mA
≤I
OUT≤1.5A
10
50
mV
Output Voltage
Temperature Coefficient
(Note 2)
∆V
OUT/∆T
100
500
µV/oC
(
∆V
OUT/VOUT)/∆T
20
100
ppm/oC
Dropout Voltage (Note 3)
VDROP
∆V
OUT=1%
IOUT=100mA
80
200
mV
IOUT=750mA
260
mV
IOUT=1.5A
375
700
mV
Ground Current
IGND
IOUT=750mA
5
10
mA
IOUT=1.5A
17
34
mA
Standby Current
ISTD
VIN=13.5V, VEN=0V
130
220
µA
Dropout Ground Pin Current
IGND(DO)
VIN≤VOUT(NOMINAL)-0.5V
5
mA
Short Circuit Current
ISHORT
VOUT=0V
2.8
A
Output Noise Voltage (rms)
10Hz to 100kHz, IOUT=100mA
200
µV
Minimum Load Current
ILOAD (MIN)
5mA
Power Supply Ripple Rejection
PSRR
f=120Hz, IOUT=750mA
49
65
dB
Enable Input
Enable Voltage
VEN
Logic low (off)
0.8
V
Logic high (on)
2.25
Enable Current
IEN
VEN=VIN
15
35
µA
VEN=0.8V
4
Shutdown Output Current
IOUT (SHDN)
VEN≤0.8V, VIN≤8V, VOUT=0V
5
10
µA
Operating Conditions: VIN=6V, IOUT=10mA, CIN=10µF, COUT=10µF, TJ=25
oC, unless otherwise specified. The Boldface
applies over -40oC
≤T
J≤125
oC.
Note 2: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
Note 3: Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99% of its nominal value
which is measured at VOUT+1V applied to VIN.


Similar Part No. - AZ39151

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39151D4-3.3E1 BCDSEMI-AZ39151D4-3.3E1 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151D4-3.3G1 BCDSEMI-AZ39151D4-3.3G1 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151D4-3.3TRE1 BCDSEMI-AZ39151D4-3.3TRE1 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151D4-3.3TRG1 BCDSEMI-AZ39151D4-3.3TRG1 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39151D4-5.0E1 BCDSEMI-AZ39151D4-5.0E1 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ39151

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ39150 BCDSEMI-AZ39150_12 Datasheet
877Kb / 19P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ39150 BCDSEMI-AZ39150 Datasheet
181Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183_07 Datasheet
214Kb / 16P
   Ultra Low Dropout 1.5A Linear Regulator
logo
List of Unclassifed Man...
TJ3965 ETC1-TJ3965 Datasheet
206Kb / 9P
   1.5A Ultra Low Dropout Linear Regulator
logo
Richtek Technology Corp...
RT9183 RICHTEK-RT9183 Datasheet
335Kb / 15P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Advanced Power Electron...
APE8951 A-POWER-APE8951 Datasheet
442Kb / 8P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Richtek Technology Corp...
RT9183A RICHTEK-RT9183A Datasheet
237Kb / 17P
   Ultra Low Dropout 1.5A Linear Regulator
logo
Unisonic Technologies
L1803 UTC-L1803_17 Datasheet
238Kb / 6P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3965 HTC-TJ3965 Datasheet
361Kb / 12P
   1.5A Ultra Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ39151 BCDSEMI-AZ39151_11 Datasheet
728Kb / 13P
   1.5A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com