Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ1084S2-1.8TR Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ1084S2-1.8TR
Description  5A LOW DROPOUT LINEAR REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ1084S2-1.8TR Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ1084S2-1.8TR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ1084S2-1.8TR Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
5A LOW DROPOUT LINEAR REGULATOR
AZ1084
Data Sheet
10
Mar. 2007 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 14. Load Transient Response
Figure 15. Line Transient Response
(Conditions: VIN=5.5V, VOUT=2.5V, IOUT=10mA to 5A
CIN=10µF, COUT=10µF)
(Conditions: VIN=4.5V to 6.5V, VOUT=2.5V,
Time (100
µs/Div)
0
2.5
5
-100
0
100
200
-2.5
Time (200
µs/Div)
4.5
5.5
6.5
-20
0
20
40
3.5
Figure 13. Short Circuit Current vs. Dropout Voltage
0
25
50
75
100
125
1.20
1.25
1.30
1.35
1.40
Junction Temperature (
oC)
02
46
8
10
12
0
1
2
3
4
5
6
7
8
Dropout Voltage (V)
Figure 12. Dropout Voltage vs. Junction Temperature
IOUT=200mA, COUT=10µF)
0.1A
-5
2.5


Similar Part No. - AZ1084S2-1.8TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ1084S2-1.8TR BCDSEMI-AZ1084S2-1.8TR Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084S2-1.8TRE1 BCDSEMI-AZ1084S2-1.8TRE1 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ1084S2-1.8TR

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1084 SEAWARD-SE1084 Datasheet
549Kb / 12P
   5A Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com