Part Name
         Description
AZV321

 SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER ( 13 Page)


BCDSEMI
100% 
Zoom Out Zoom In
 
 5 page
background image
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
5
Mar. 2007 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
SINGLE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIER
AZV321
5
BCD Semiconductor Manufacturing Limited
Preliminary Datasheet
5V Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
1.7
7
mV
9
Input Bias Current
IB
11
250
nA
500
Input Offset Current
IIO
550
nA
150
Input Common Mode Voltage
Range
VCM
for CMRR
≥50dB
-0.2
4.2
V
Supply Current
ICC
VO=VCC/2, AVCL=1, no load
130
250
µA
350
Large Signal Voltage Gain
GV
RL=2kΩ
84
100
dB
80
Common
Mode
Rejection
Ratio
CMRR
0
≤V
CM≤4V
50
65
dB
Power
Supply
Rejection
Ratio
PSRR
2.7V
≤V
CC≤5V VO=1V, VCM=1V
50
60
dB
Output Short Circuit Current
ISOURCE VO=0V
560
mA
ISINK
VO=5V
10
160
mA
Output Voltage Swing
VOH
RL=2kΩ to 2.5V
4.7
4.96
V
4.6
RL=10kΩ to 2.5V
4.9
4.99
4.8
VOL
RL=2kΩ to 2.5V
120
300
mV
400
RL=10kΩ to 2.5V
65
180
280
Slew Rate
SR
1
V/
µS
Gain Bandwidth Product
GBWP
CL=200pF
1MHz
Phase Margin
φ
M
60
Deg
Gain Margin
GM
10
dB
All limits are guaranteed for TA=25
oC, V
CC=5V, VEE=0V, VCM=2.0V, VO=VCC/2 and RL>1MΩ, limits in bold types are guar-
anteed for TA=-40 to 85
oC,unless otherwise specified. (Note 2)
Note 2: Limits over the full temperature are guarateed by design, but not tested in production.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LMV358_05GENERAL PURPOSE LOW VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS 1 2 3 4 5 MoreUnisonic Technologies
NE5534Single Low Noise Operational Amplifier 1 2 3 4 5 MoreON Semiconductor
TS922_07Rail-to-rail high output current dual operational amplifier 1 2 3 4 5 MoreSTMicroelectronics
TS924_05Rail-to-rail High Output Current Quad Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
AD8691Low Cost Low Noise CMOS Rail-to-Rail Output Operational Amplifiers 1 2 3 4 5 MoreAnalog Devices
TS951_05Input/Output Rail-to-Rail Low Power Operational Amplifier 1 2 3 4 5 MoreSTMicroelectronics
MC33272A_06Single Supply High Slew Rate Low Input Offset Voltage Operational Amplifiers 1 2 3 4 5 MoreON Semiconductor
ADA4841-1Low Power Low Noise and Distortion Rail-to-Rail Output Amplifier 1 2 3 4 5 MoreAnalog Devices
LMV321General Purpose Low Voltage Rail-to-Rail Output Amplifiers 1 2 3 4 5 MoreFairchild Semiconductor
NE5230Low Voltage Operational Amplifier 1 2 3 4 5 MoreON Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl