Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78M05T Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78M05T
Description  500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78M05T Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AZ78M05T Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78M05T Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78MXX
Preliminary Datasheet
1
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
General Description
The AZ78MXX series are monolithic integrated cir-
cuits designed as fixed-voltage regulators for a wide
variety of applications including local, on-card regula-
tion.
This series of regulators are complete with internal cur-
rent limiting, thermal shutdown protection, and safe-
area compensation which make them virtually immune
from output overload. If adequate heat sinking are
provided, these regulators can deliver output currents
up to 0.5A.
The AZ78MXX series are available in two standard
plastic packages: TO-220-3 and TO-252-2 (1).
Features
·
Output Current up to 0.5A
·
Fixed Output Voltages of 5V, 6V, 8V, 9V and 12V
·
Output Voltage Tolerances of
±5% over the Full
Temperature Range
·
Internal Short Circuit Current-limiting
·
Internal Thermal Overload Protection
Applications
·
Consumer Electronics
·
Microprocessor Power Supply
·
Mother Board I/O Power Supply
TO-220-3
TO-252-2 (1)
Figure 1. Package Types of AZ78MXX


Similar Part No. - AZ78M05T

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78M05T BCDSEMI-AZ78M05T Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M05T-TR BCDSEMI-AZ78M05T-TR Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M05T-TRE1 BCDSEMI-AZ78M05T-TRE1 Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
AZ78M05TE1 BCDSEMI-AZ78M05TE1 Datasheet
129Kb / 14P
   500mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - AZ78M05T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS78M00LA TSC-TS78M00LA Datasheet
181Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_08 Datasheet
169Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_14 Datasheet
180Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_13 Datasheet
159Kb / 5P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00A TSC-TS78M00A_07 Datasheet
480Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M00 TSC-TS78M00_09 Datasheet
301Kb / 10P
   3-Terminal 500mA Positive Voltage Regulator
TS78M12CP TSC-TS78M12CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M08CP TSC-TS78M08CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M24CP TSC-TS78M24CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
TS78M09CP TSC-TS78M09CP Datasheet
187Kb / 8P
   3-Terminal 500mA Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com