Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ4558CMTR Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZ4558CMTR
Description  DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ4558CMTR Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ4558CMTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ4558CMTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C
Data Sheet
3
Jul. 2006 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
-40 to 85oC
AZ4558CM
AZ4558CM-E1
4558CM
4558CM-E1
Tube
AZ4558CMTR
AZ4558CMTR-E1
4558CM
4558CM-E1
Tape & Reel
DIP-8
-40 to 85
oC
AZ4558CP
AZ4558CP-E1
AZ4558CP
AZ4558CP-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
AZ4558C
-
TR: Tape and Reel
Blank: Tube
P: DIP-8
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
+20
V
VEE
-20
Input Voltage
VI
±15
V
Differential Input Voltage
VID
±30
V
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering 10s)
TL
260
oC
Power Dissipation
PD
DIP
800
mW
SOIC
500
mW
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Absolute Maximum Ratings (Note 1)
Recommended Operating Conditions
Parameter
Min
Max
Unit
Supply Voltage
±2
±18
V
Operating Temperature Range
-40
85
oC


Similar Part No. - AZ4558CMTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4558CMTR BCDSEMI-AZ4558CMTR Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558CMTR-E1 BCDSEMI-AZ4558CMTR-E1 Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558CMTR-E1 BCDSEMI-AZ4558CMTR-E1 Datasheet
685Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS Audio AC-3 Decoder System
AZ4558CMTR-G1 BCDSEMI-AZ4558CMTR-G1 Datasheet
685Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS Audio AC-3 Decoder System
More results

Similar Description - AZ4558CMTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ4559 BCDSEMI-AZ4559 Datasheet
146Kb / 10P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
AZ4558C BCDSEMI-AZ4558C Datasheet
52Kb / 2P
   DUAL BIPOLAR OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
MC33172-MC35172 STMICROELECTRONICS-MC33172-MC35172 Datasheet
50Kb / 5P
   LOW POWER DUAL BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
MC33172 STMICROELECTRONICS-MC33172_08 Datasheet
142Kb / 9P
   Low power dual bipolar operational amplifiers
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558 STMICROELECTRONICS-TJM4558 Datasheet
284Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CDT STMICROELECTRONICS-TJM4558CDT Datasheet
293Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
TJM4558CN STMICROELECTRONICS-TJM4558CN Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com