Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS393G-E1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS393G-E1
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393G-E1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS393G-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS393G-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCD Semiconductor Manufacturing Limited
Product Brief
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
Description
The AS393/393A consist of two independent precision
voltage comparators with a typical offset voltage of
1.0mV and high gain. They are specifically designed to
operate from a single power supply over wide range of
voltages. Operation from split power supply is also
possible and the low power supply current drain is
independent of the magnitude of the power supply voltage.
The AS393/393A series are compatible with industry stan-
dard 393. AS393A has more stringent input offset voltage
than AS393.
Features
·
Wide Supply Voltage Range
- Single Supply: 2.0V to 36V
- Dual Supplies:
±1.0V to ±18V
·
Low Supply Current Drain: 0.6mA
·
Low Input Bias Current: 25nA (Typical)
·
Low Input Offset Current:
±5.0nA (Typical)
·
Low Input Offset Voltage: 1.0mV (Typical)
·
Input Common Mode Voltage Range Includes
Ground
·
Differential Input Voltage Range Equals to the Power
Supply Voltage
·
Low Output Saturation Voltage: 200mV at 4mA
·
Open Collector Output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
Benefits
·
Easier to Use
·
Very Competitive Price
Additional Available Materials
·
Samples
·
Datasheet
·
Reliability Report
·
ESD Report
SOIC-8/DIP-8/TSSOP-8
Aug. 2006
Parametric Table
Supply Voltage Range (V)
2 to 36
±1.0 to
±18
Input Offset Voltage
(Typ/Max) (mV)
AS393
1.0/5.0
AS393A
1.0/3.0
Supply Current (VCC=5V) (mA)
0.6
Differential Input Voltage (V)
40
Input Offset Current (nA)
5
Large Signal Response Time
(RL=5.1kΩ) (ns)
200
Output Sink Current (mA)
16
Saturation Voltage (mV)
200
Voltage Gain (V/mV)
200
INPUT 2-
7
OUTPUT1
INPUT1-
INPUT1+
GND
OUTPUT 2
INPUT 2+
2
3
4
6
5
1
VCC
8
7
Pin Configuration


Similar Part No. - AS393G-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS393G-E1 BCDSEMI-AS393G-E1 Datasheet
165Kb / 11P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
More results

Similar Description - AS393G-E1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com