Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3845CM Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # 3845CM
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

3845CM Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  3845CM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 3845CM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
3
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP3842C/3C/4C/5C
VCC
GND
RT/CT
VFB
ISENSE
COMP
VREF
OUTPUT
OSC
VREF
GOOD
LOGIC
OVER TEMP
PROTECT
T
INTERNAL
BIAS
2R
R
S/R
5V
REF
UVLO
2.50V
PWN
LATCH
CURRENT
SENSE
COMPARATOR
ERROR
AMP
34V
1V
7
5
4
2
1
3
8
6
S
R
Note: Toggle flip-flop used
for 3844C/45C only
(Note)


Similar Part No. - 3845CM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3845 ALLEGRO-3845 Datasheet
233Kb / 8P
   AM NOISE BLANKER
logo
Heyco.
3845 HEYCO-3845 Datasheet
107Kb / 1P
   Locking Releasable Wire Clips
logo
ERNI Electronics
384517 ERNI-384517 Datasheet
91Kb / 1P
   ERMET MESSERLEISTE B
logo
Tyco Electronics
38454 MACOM-38454 Datasheet
197Kb / 5P
   AMP PRO CRIMPER 2 Hand Tool Assemly
logo
ERNI Electronics
384576 ERNI-384576 Datasheet
56Kb / 1P
   Male Con.C/2 48 solder
More results

Similar Description - 3845CM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com