Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ78L09RTR-E1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AZ78L09RTR-E1
Description  3-TERMINAL POSITIVE LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ78L09RTR-E1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AZ78L09RTR-E1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ78L09RTR-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
3-TERMINAL POSITIVE LINEAR REGULATOR
AZ78LXX
Data Sheet
5
Mar. 2007 Rev. 1. 5
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
Operating Junction Temperature
TJ
150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Power Dissipation (TA=25
oC)
PD
TO-92
0.65
W
SOIC-8
0.6
SOT-223
0.7
SOT-89-3
0.65
Storage Temperature Range
TSTG
-65 to 150
oC
ESD (Human Body Model)
ESD
2000
V
ESD (Machine Model)
ESD
200
V
N
ote 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Input Voltage
AZ78L05
VIN
15
V
AZ78L08
18
AZ78L09
18
AZ78L12
18
Operating Junction Temperature
TJ
-40
125
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)


Similar Part No. - AZ78L09RTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78L09RTR-E1 BCDSEMI-AZ78L09RTR-E1 Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
More results

Similar Description - AZ78L09RTR-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ78LXX BCDSEMI-AZ78LXX Datasheet
228Kb / 17P
   3-TERMINAL POSITIVE LINEAR REGULATOR
logo
AiT Semiconductor Inc.
A7812 AITSEMI-A7812 Datasheet
659Kb / 8P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV1.1
A7805 AITSEMI-A7805 Datasheet
623Kb / 6P
   BIPOLAR LINEAR REGULATOR 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV2.0
A7805A AITSEMI-A7805A Datasheet
366Kb / 7P
   LINEAR REGULATOR 3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
REV1.0
A78L05 AITSEMI-A78L05 Datasheet
710Kb / 9P
   BIPOLAR LINEAR REGULATOR 100mA 3-TERMINAL POSITIVE VOLTAGE REGULATOR
REV3.1
logo
National Semiconductor ...
LM2930 NSC-LM2930 Datasheet
251Kb / 8P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM140K TI1-LM140K_16 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Positive Regulator
LM330-N TI1-LM330-N_14 Datasheet
1Mb / 11P
[Old version datasheet]   3-Terminal Positive Regulator
logo
National Semiconductor ...
LM330 NSC-LM330 Datasheet
254Kb / 5P
   3-Terminal Positive Regulator
logo
Texas Instruments
LM2930 TI-LM2930_15 Datasheet
1Mb / 13P
[Old version datasheet]   3-Terminal Positive Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com