Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3845CP-E1 Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AP3845CP-E1
Description  CURRENT MODE PWM CONTROLLER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3845CP-E1 Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3845CP-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP3845CP-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CURRENT MODE PWM CONTROLLER
AP384XC
Data Sheet
10
Sep. 2006 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 11. Typical Application of AP3842C/3C/4C/5C
Typical Application
+
8
4
6
3
+
J1
AC 90 to 265V
Bridge Diode
1N4007*4
R2
1M/
0.25W
C14
100
µ/400V
C2
0.01
µ
600V
R3
39k
2W
D1
Byv26e
T
D3
8TQ100
L3
10
µ
C9
2200
µ
C10
1000
µ
C11
1
µ
R20
2K
Z2
SA12A
J2
12V/5A
C1 47
µ
R4 10
D2
1N4001
U1
AP3842C/3C/4C/5C
V
cc
7
2
1
5
V
CC
V
REF
V
FB
R
T/CT
COMP
OUTPUT
GND
I
SENSE
U2 PC817
C5
220p
R14
130k
R13
15k
R12
100
Z1
1N5819
R7
1k
R6
20
Q1
IRF830
R9
7.5k
R10
0.51/1W
C6
2200p/600V
R5
10k
C8
0.22
µ
R15
100
R16
8.2k
W1
1k
R18
3.9k
R17
2k
U3
AZ431
NTC
C3
0.1
µ
C4
3.3n
+
R11
820
C7
680p
C15
100p
R19
10
C15
2.2n


Similar Part No. - AP3845CP-E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3845CP-E1 DIODES-AP3845CP-E1 Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
More results

Similar Description - AP3845CP-E1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com