Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34063AM-E1 Datasheet(PDF) 9 Page - BCD Semiconductor Manufacturing Limited

Part # 34063AM-E1
Description  1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

34063AM-E1 Datasheet(HTML) 9 Page - BCD Semiconductor Manufacturing Limited

Back Button 34063AM-E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited 34063AM-E1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063A
Data Sheet
9
Sep. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 11. Step-Down converter (Note 6)
Typical Applications (Continued)
+
-
Ipk
B
1.25V
Reference
Regulator
A
1
S
R
Q
I
PK
C
T
OSC
V
IN 25V
C1
100
µF
Rsc
0.33
L2 1.0
µH
C3
100
µF
Optional
Filter
5V/500mA
V
OUT
D1
1N5819
L1
220
µH
C
T
470 pF
+
+
R1 3.6k
R2
1.2k
C2
470
µF
+
U1 AZ34063A
2
3
4
5
6
7
8
V
OUT
Note 6: This is a typical step-down converter configuration. The working process in the steady state is similar to
step-up converter, VPIN5=VOUT*R2/(R1+R2)=1.25 (V), the output voltage can be decided by VOUT=1.25*
(R1+R2)/R2 (V).


Similar Part No. - 34063AM-E1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
34063A ETC-34063A Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
Estek Electronics Co. L...
34063A ESTEK-34063A Datasheet
455Kb / 7P
   monolithic control circuit containing the primary functions required for DC-to-DC converters
logo
System Logic Semiconduc...
34063AD SLS-34063AD Datasheet
73Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
List of Unclassifed Man...
34063AD ETC-34063AD Datasheet
115Kb / 2P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
logo
IK Semicon Co., Ltd
34063AD IKSEMICON-34063AD Datasheet
367Kb / 10P
   DC-TO-DC CONVERTER CONTROL CIRCUITS
More results

Similar Description - 34063AM-E1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ34063U BCDSEMI-AZ34063U Datasheet
780Kb / 14P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063A ETC1-AZ34063A Datasheet
211Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
Diodes Incorporated
AZ34063U DIODES-AZ34063U Datasheet
501Kb / 13P
   1.5A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
Rev. 1 - 2 July 2021
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C_11 Datasheet
436Kb / 10P
   Step Down / Step Up / Inverting DC-DC Converter
MC34063C HTC-MC34063C_08 Datasheet
306Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
logo
BCD Semiconductor Manuf...
AZ34063C BCDSEMI-AZ34063C Datasheet
298Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063D BCDSEMI-AZ34063D Datasheet
812Kb / 14P
   1A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
List of Unclassifed Man...
AZ34063C ETC1-AZ34063C Datasheet
207Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
AZ34063 ETC1-AZ34063 Datasheet
186Kb / 13P
   0.8A STEP-DOWN/STEP-UP/INVERTING DC-DC CONVERTER
logo
HTC Korea TAEJIN Techno...
MC34063C HTC-MC34063C Datasheet
160Kb / 9P
   0.8A Step Down / Step Up / Inverting DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com