Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP3001T-5.0E1 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3001T-5.0E1
Description  150kHz 3A PWM BUCK DC-DC CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3001T-5.0E1 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3001T-5.0E1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3001T-5.0E1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
150kHz 3A PWM BUCK DC-DC CONVERTER
AP3001
Preliminary Datasheet
8
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 6. Operating Quiescent Current
Figure 7. Switching Frequency
Typical Performance Characteristics
Figure 4. Normalized Output Voltage
Figure 5. Output Saturation Characteristics
vs. Junction Temperature
-50
-25
0
25
50
75
100
125
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
V
IN
=12V
I
LOAD
=3A
Junction Temperature (
OC)
0.5
1.0
1.5
2.0
2.5
3.0
0.65
0.70
0.75
0.80
0.85
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
T
J
=125
OC
T
J
=25
OC
T
J
=-40
OC
V
IN
=12V
Switch Current (A)
vs. Junction Temperature
vs. Junction Temperature
-50
-25
0
25
50
75
100
125
0
20
40
60
80
100
Switch OFF
Switch ON
4.5V<V
IN
<18V
I
SWITCH
=0
Junction Temperature (
OC)
-50
-25
0
25
50
75
100
125
100
120
140
160
180
200
Junction Temperature(
OC)


Similar Part No. - AP3001T-5.0E1

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AP3000A-00 ASI-AP3000A-00 Datasheet
15Kb / 1P
   SILICON PIN DIODE CHIP
AP3000C-11 ASI-AP3000C-11 Datasheet
16Kb / 1P
   SILICON PIN DIODE
logo
BCD Semiconductor Manuf...
AP3003 BCDSEMI-AP3003 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
AP3003S-12E1 BCDSEMI-AP3003S-12E1 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
AP3003S-12TRE1 BCDSEMI-AP3003S-12TRE1 Datasheet
258Kb / 16P
   150kHz 3A BUCK DC-DC CONVERTER
More results

Similar Description - AP3001T-5.0E1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com